Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA9687GN Datasheet(PDF) 4 Page - O2Micro International Limited.

Part # TA9687GN
Description  LCDM Inverter Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  O2MICRO [O2Micro International Limited.]
Direct Link  http://www.o2micro.com/
Logo O2MICRO - O2Micro International Limited.

TA9687GN Datasheet(HTML) 4 Page - O2Micro International Limited.

  TA9687GN Datasheet HTML 1Page - O2Micro International Limited. TA9687GN Datasheet HTML 2Page - O2Micro International Limited. TA9687GN Datasheet HTML 3Page - O2Micro International Limited. TA9687GN Datasheet HTML 4Page - O2Micro International Limited. TA9687GN Datasheet HTML 5Page - O2Micro International Limited. TA9687GN Datasheet HTML 6Page - O2Micro International Limited. TA9687GN Datasheet HTML 7Page - O2Micro International Limited. TA9687GN Datasheet HTML 8Page - O2Micro International Limited. TA9687GN Datasheet HTML 9Page - O2Micro International Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
ta9687
CONFIDENTIAL
ta9687-DS-1.0
Page 3
ELECTRICAL CHARACTERISTICS
All specifications below are at: VDDA=5V; RCT = 84.5KΩ; CCT = 220pF unless otherwise noted.
Parameter
Symbol
Test Conditions
Limits
Unit
Min
Typ
Max
Supply Current
Stand By
Idds
ENA=0V
--
2
5
µA
Operating
Idd
Capacitance at NDR1/2
& PDR1/2 = 1nF
1.6
1.9
2.2
mA
Soft Start
Current Source
ISSTCMP
1.90
2.55
3.20
µA
Under Voltage Lockout
Lock Out Threshold
VUV,TH-OFF
VDDA 5V 0V
3.2
3.4
3.6
V
Resume Threshold
VUV,TH-ON
VDDA 0V 5V
3.3
3.6
4.0
V
Reference Voltage
ISEN=SSTCMP
1.17
1.23
1.29
V
ISEN Reference Voltage
Temperature Coefficient
330
ppm/
OC
VSEN=SSTCMP
2.75
2.9
3.05
V
VSEN Reference Voltage
During Striking
Temperature Coefficient
340
ppm/
OC
Driver Frequency
RRT1 = 300K
61.5
63.8
66.0
KHZ
Striking
fstr
Temperature Coefficient
200
ppm/
OC
48.0
49.5
51.0
kHz
Normal Operation
Fop
Temperature Coefficient
180
ppm/
OC
Timer and Protection
Striking Current Source
ISEN =0V
2.2
3.0
3.8
uA
Open Lamp and Over Voltage
Protection Current Source
SSTCMP > 3.3V or
VSEN>OVPT
8.1
10.85
13.6
uA
Drivers
NDR1/2 Sink
RON_SRC, NDR
2
6
10
Ω
NDR1/2 Source
RON_SNK, NDR
10
16
22
Ω
PDR1/2 Sink
RON_SRC, PDR
6
12
18
Ω
PDR1/2 Source
RON_SNK, PDR
5
9
13
Ω
Maximum Overlap ratio
95
--
--
%
100
175
250
ns
BBM1&4(PDR_L+NDR_L)
400
ppm/C
100
175
250
ns
BBM2&3(PDR_H+NDR_H)
800
ppm/C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com