Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5700BCCZN-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADRF5700BCCZN-R7
Description  46 dB, 2 dB LSB, 5-Bit, Silicon Digital Attenuator, 100 MHz to 22 GHz
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5700BCCZN-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADRF5700BCCZN-R7 Datasheet HTML 1Page - Analog Devices ADRF5700BCCZN-R7 Datasheet HTML 2Page - Analog Devices ADRF5700BCCZN-R7 Datasheet HTML 3Page - Analog Devices ADRF5700BCCZN-R7 Datasheet HTML 4Page - Analog Devices ADRF5700BCCZN-R7 Datasheet HTML 5Page - Analog Devices ADRF5700BCCZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5700BCCZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5700BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5700BCCZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Data Sheet
ADRF5700
SPECIFICATIONS
analog.com
Rev. 0 | 3 of 16
ELECTRICAL SPECIFICATIONS
VDD = 3.3 V, VSS = −3.3 V, VCTRL = 0 V or VDD, TCASE = 25°C, and 50 Ω system, unless otherwise noted. VCTRL refers to the control voltages
on the LE, D2, D3, D4, D5, and D6 pins.
Table 1. Electrical Specifications
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
FREQUENCY RANGE
100
22,000
MHz
INSERTION LOSS
100 MHz to 10 GHz
1.6
dB
10 GHz to 20 GHz
2.0
dB
RETURN LOSS
ATTIN and ATTOUT, all attenuation states
100 MHz to 10 GHz
18
dB
10 GHz to 20 GHz
18
dB
ATTENUATION
Range
Between minimum and maximum attenuation states
46
dB
Step Size
Between any successive attenuation states
2
dB
Accuracy
Referenced to insertion loss
100 MHz to 10 GHz
+(0.1 + 0.5% of state)
dB
−(0.1 + 2.0% of state)
dB
10 GHz to 20 GHz
+(0.1 + 0.5% of state)
dB
−(0.1 + 3.0% of state)
dB
Step Error
Between any successive state
100 MHz to 10 GHz
±0.2
dB
10 GHz to 20 GHz
±0.3
dB
RELATIVE PHASE
Referenced to insertion loss
100 MHz to 10 GHz
40
Degrees
10 GHz to 20 GHz
85
Degrees
SWITCHING CHARACTERISTICS
All attenuation states at input power (PIN) = 10 dBm
Rise Time and Fall Time (tRISE and tFALL)
10% to 90% of RF output (RFOUT)
10
ns
On Time and Off Time (tON and tOFF)
50% triggered control to 90% of RFOUT
50
ns
RF Amplitude Settling Time
0.1 dB
50% triggered control to 0.1 dB of final RFOUT
130
ns
0.05 dB
50% triggered control to 0.05 dB of final RFOUT
150
ns
Overshoot
1
dB
Undershoot
0.75
dB
RF Phase Settling Time
Frequency = 20 GHz
50% triggered control to 5° of final RF output
60
ns
50% triggered control to 1° of final RF output
80
ns
INPUT LINEARITY1
100 MHz to 20 GHz, all attenuation states
0.1 dB Power Compression (P0.1dB)
>27
dBm
1 dB Power Compression (P1dB)
>30
dBm
Third-Order Intercept (IP3)
Two-tone PIN = 15 dBm per tone, Δf = 1 MHz
>47
dBm
DIGITAL CONTROL INPUTS
LE, D2, D3, D4, D5, and D6
Voltage
Low (VINL)
0
0.8
V
High (VINH)
1.2
3.3
V
Current
Low (IINL)
–33
µA
High (IINH)
<1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com