Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5700BCCZN-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADRF5700BCCZN-R7
Description  46 dB, 2 dB LSB, 5-Bit, Silicon Digital Attenuator, 100 MHz to 22 GHz
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5700BCCZN-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADRF5700BCCZN-R7 Datasheet HTML 1Page - Analog Devices ADRF5700BCCZN-R7 Datasheet HTML 2Page - Analog Devices ADRF5700BCCZN-R7 Datasheet HTML 3Page - Analog Devices ADRF5700BCCZN-R7 Datasheet HTML 4Page - Analog Devices ADRF5700BCCZN-R7 Datasheet HTML 5Page - Analog Devices ADRF5700BCCZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5700BCCZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5700BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5700BCCZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Data Sheet
ADRF5700
SPECIFICATIONS
analog.com
Rev. 0 | 4 of 16
Table 1. Electrical Specifications (Continued)
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
SUPPLY CURRENT
Positive Supply Current (IDD)
Bias Low
LE, D2, D3, D4, D5, and D6 = 0 V
350
µA
Bias High
LE, D2, D3, D4, D5, and D6 = 3.3 V
150
µA
Negative Supply Current (ISS)
–520
μA
RECOMMENDED OPERATING CONDITIONS
Supply Voltage
Positive (VDD)
3.15
3.45
V
Negative (VSS)
−3.45
−3.15
V
Digital Control Voltage
0
VDD
V
RF Power Handling2, 3
Frequency = 100 MHz to 20 GHz, TCASE = 85°C, all
attenuation states
Input at ATTIN or ATTOUT
Steady state, average
24
dBm
Steady state, peak
30
dBm
Hot switching, average
24
dBm
Hot switching, peak
27
dBm
Case Temperature
TCASE
−40
+105
°C
1 For input linearity performance over wide frequency range, see Figure 21 and Figure 22.
2 For power derating over frequency, see Figure 2 and Figure 3. Applicable for all ATTIN and ATTOUT power specifications.
3 For 105°C operation, the power handling degrades from the TCASE = 85°C specifications by 3 dB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com