Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5700BCCZN-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADRF5700BCCZN-R7
Description  46 dB, 2 dB LSB, 5-Bit, Silicon Digital Attenuator, 100 MHz to 22 GHz
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5700BCCZN-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADRF5700BCCZN-R7 Datasheet HTML 1Page - Analog Devices ADRF5700BCCZN-R7 Datasheet HTML 2Page - Analog Devices ADRF5700BCCZN-R7 Datasheet HTML 3Page - Analog Devices ADRF5700BCCZN-R7 Datasheet HTML 4Page - Analog Devices ADRF5700BCCZN-R7 Datasheet HTML 5Page - Analog Devices ADRF5700BCCZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5700BCCZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5700BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5700BCCZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Data Sheet
ADRF5700
SPECIFICATIONS
analog.com
Rev. 0 | 5 of 16
SINGLE-SUPPLY OPERATION
VDD = 3.3 V, VSS = 0 V, VCTRL = 0 V or VDD V, TCASE = 25°C, 50 Ω system, unless otherwise noted.
Table 2. Single-Supply Operational Specifications
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
FREQUENCY RANGE
100
22,000
MHz
SWITCHING CHARACTERISTICS
Rise Time and Fall Time
10% to 90% of RFOUT
95
ns
On Time and Off Time
50% VCTRL to 90% of RFOUT
125
ns
RF Amplitude Settling Time
0.1 dB
50% VCTRL to 0.1 dB of final RFOUT
160
ns
0.05 dB
50% VCTRL to 0.05 dB of final RFOUT
165
ns
RF Phase Settling Time
Frequency = 20 GHz
50% triggered control to 5° of final RFOUT
70
ns
50% triggered control to 1° of final RFOUT
150
ns
INPUT LINEARITY
Frequency = 100 MHz to 20 GHz
0.1 dB Power Compression
17
dBm
Input Third-Order Intercept
Two-tone input power = 5 dBm each tone, Δf = 1 MHz
42
dBm
RECOMMENDED OPERATING CONDITONS
RF Power Handling1, 2
Frequency = 100 MHz to 20 GHz, TCASE = 85°C, all
attenuation states
Input at ATTIN or ATTOUT
Steady state, average
15
dBm
Steady state, peak
15
dBm
Hot switching, average
15
dBm
Hot switching, peak
15
dBm
1 For power derating over frequency, see Figure 2 and Figure 3. Applicable for all ATTIN and ATTOUT power specifications.
2 For 105°C operation, the power handling degrades from the TCASE = 85°C specification by 3 dB.
TIMING SPECIFICATIONS
See Figure 24 for the timing diagram.
Table 3. Timing Specifications
Parameter
Description
Min
Typ
Max
Unit
tLEW
LE pulse width, see Figure 24
10
ns
tPH
Hold time, see Figure 24
10
ns
tPS
Setup time, see Figure 24
2
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com