Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5700BCCZN-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADRF5700BCCZN-R7
Description  46 dB, 2 dB LSB, 5-Bit, Silicon Digital Attenuator, 100 MHz to 22 GHz
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5700BCCZN-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADRF5700BCCZN-R7 Datasheet HTML 1Page - Analog Devices ADRF5700BCCZN-R7 Datasheet HTML 2Page - Analog Devices ADRF5700BCCZN-R7 Datasheet HTML 3Page - Analog Devices ADRF5700BCCZN-R7 Datasheet HTML 4Page - Analog Devices ADRF5700BCCZN-R7 Datasheet HTML 5Page - Analog Devices ADRF5700BCCZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5700BCCZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5700BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5700BCCZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Data Sheet
ADRF5700
46 dB, 2 dB LSB, 5-Bit, Silicon Digital Attenuator, 100 MHz to 22 GHz
Rev. 0
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
Wideband frequency range: 100 MHz to 22 GHz
Attenuation range: 46 dB with 2 dB steps
Low insertion loss
1.6 dB typical up to 10 GHz
2.0 dB typical up to 20 GHz
High attenuation accuracy
+(0.1 + 0.5% of attenuation state) typical up to 10 GHz
−(0.1 + 2.0% of attenuation state) typical up to 10 GHz
+(0.1 + 0.5% of attenuation state) typical up to 20 GHz
−(0.1 + 3.0% of attenuation state) typical up to 20 GHz
Low step error
±0.2 dB typical up to 10 GHz
±0.3 dB typical up to 20 GHz
High input linearity
P0.1dB: >27 dBm typical at all attenuation states
P1dB: >30 dBm typical at all attenuation states
IP3: >47 dBm typical at all attenuation states
High RF power handling
24 dBm steady state average
30 dBm steady state peak
Consistent return loss at all attenuation states
Tight distribution in relative phase
No low frequency spurious signals
Parallel mode control, CMOS/LVTTL compatible
RF amplitude settling time (0.1 dB of final RF output): 130 ns
20-terminal, 3.0 mm × 3.0 mm LGA package
APPLICATIONS
Industrial scanners
Test and instrumentation
Cellular infrastructure: 5G millimeterwave
Military radios, radars, electronic counter measures (ECMs)
Microwave radios and very small aperture terminals (VSATs)
FUNCTIONAL BLOCK DIAGRAM
Figure 1. Functional Block Diagram
GENERAL DESCRIPTION
The ADRF5700 is a silicon, 5-bit digital attenuator with 46 dB
attenuation control range in 2 dB steps.
This device operates from 100 MHz to 22 GHz with better than
2.0 dB of insertion loss and high attenuation accuracy. The
ADRF5700 supports bidirectional operation and has a RF input
power handling capability of 24 dBm average and 30 dBm peak for
all attenuation states.
The ADRF5700 requires a dual-supply voltage of +3.3 V and
−3.3 V. The device features parallel mode control, and complemen-
tary metal-oxide semiconductor (CMOS)-/low voltage transistor to
transistor logic (LVTTL)-compatible controls.
The ADRF5700 can also operate with a single positive supply
voltage (VDD) applied while the negative supply voltage (VSS) is
tied to ground. In this operating condition, the small signal perform-
ance is maintained while the switching characteristics, linearity, and
power handling performance are derated (see Table 2).
The ADRF5700 RF ports are designed to match a characteristic
impedance of 50 Ω. The ADRF5700 comes in a 20-terminal, 3.0
mm × 3.0 mm, RoHS compliant, land grid array (LGA) package and
operates from −40°C to +105°C.


Similar Part No. - ADRF5700BCCZN-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF5702 AD-ADRF5702 Datasheet
2Mb / 27P
Silicon Digital Attenuator, 0.125dB LSB, 8-Bit, 50MHz to 20GHz
Rev. A
ADRF5702BCCZN AD-ADRF5702BCCZN Datasheet
2Mb / 27P
Silicon Digital Attenuator, 0.125dB LSB, 8-Bit, 50MHz to 20GHz
Rev. A
ADRF5702BCCZN-R7 AD-ADRF5702BCCZN-R7 Datasheet
2Mb / 27P
Silicon Digital Attenuator, 0.125dB LSB, 8-Bit, 50MHz to 20GHz
Rev. A
ADRF5703 AD-ADRF5703 Datasheet
2Mb / 19P
Silicon Digital Attenuator, 0.25dB LSB, 7-Bit, 9kHz to 20GHz
Rev. 0
ADRF5703BCCZN AD-ADRF5703BCCZN Datasheet
2Mb / 19P
Silicon Digital Attenuator, 0.25dB LSB, 7-Bit, 9kHz to 20GHz
Rev. 0
More results

Similar Description - ADRF5700BCCZN-R7

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AA260-85 ALPHA-AA260-85 Datasheet
162Kb / 5P
GaAs IC 5 Bit Digital Attenuator 1 dB LSB DC-2 GHz
AA280-25 ALPHA-AA280-25 Datasheet
467Kb / 5P
GaAs IC 5 Bit Digital Attenuator 0.5 dB LSB DC-2 GHz
logo
Tyco Electronics
MAATSS0002 MACOM-MAATSS0002 Datasheet
303Kb / 5P
Digital Attenuator, 31.0 dB, 1 dB LSB, 5-Bit, 800 - 2500 MHz
logo
Skyworks Solutions Inc.
SKY12329-350LF SKYWORKS-SKY12329-350LF Datasheet
1Mb / 7P
SKY12329-350LF GaAs Digital Attenuator 5-Bit, 1 dB LSB 400 MHz?? GHz
logo
Advanced Semiconductor ...
AAT530B5 ASB-AAT530B5 Datasheet
249Kb / 6P
0.5 ~ 3.0 GHz LSB 1 dB, 5 Bit Digital Attenuator
September. 2013
logo
Analog Devices
ADRF5731 AD-ADRF5731 Datasheet
506Kb / 17P
2 dB LSB, 4-Bit, Silicon Digital Attenuator,
9/2018-Revision 0
ADRF5740 AD-ADRF5740 Datasheet
325Kb / 13P
2 dB LSB, 4-Bit, Silicon Digital Attenuator, 10 MHz to 60 GHz
6/2020-Revision 0
HMC470A AD-HMC470A Datasheet
373Kb / 11P
0.1 GHz to 3 GHz,1 dB LSB, 5-Bit, GaAs Digital Attenuator
9/2017-Rev. 01.0716 to Rev. A
ADRF5473 AD-ADRF5473 Datasheet
1Mb / 17P
Die on Carrier, Silicon Digital Attenuator, 0.5 dB LSB, 6-Bit, 100 MHz to 40 GHz
12/2021-Revision 0
ADRF5474 AD-ADRF5474 Datasheet
2Mb / 14P
Die on Carrier, Silicon Digital Attenuator, 2 dB LSB, 4-Bit, 10 MHz to 60 GHz
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com