Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5700BCCZN-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADRF5700BCCZN-R7
Description  46 dB, 2 dB LSB, 5-Bit, Silicon Digital Attenuator, 100 MHz to 22 GHz
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5700BCCZN-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADRF5700BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5700BCCZN-R7 Datasheet HTML 9Page - Analog Devices ADRF5700BCCZN-R7 Datasheet HTML 10Page - Analog Devices ADRF5700BCCZN-R7 Datasheet HTML 11Page - Analog Devices ADRF5700BCCZN-R7 Datasheet HTML 12Page - Analog Devices ADRF5700BCCZN-R7 Datasheet HTML 13Page - Analog Devices ADRF5700BCCZN-R7 Datasheet HTML 14Page - Analog Devices ADRF5700BCCZN-R7 Datasheet HTML 15Page - Analog Devices ADRF5700BCCZN-R7 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Data Sheet
ADRF5700
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 12 of 16
INPUT POWER COMPRESSION AND THIRD-ORDER INTERCEPT
VDD = 3.3 V, VSS = −3.3 V, VCTRL = 0 V or VDD, TCASE = 25°C, and a 50 Ω system, unless otherwise noted. Measured on the
ADRF5700-EVALZ.
Figure 19. Input P0.1dB vs. Frequency
Figure 20. Input IP3 vs. Frequency
Figure 21. Input P0.1dB vs. Frequency, Low Frequency Detail
Figure 22. Input IP3 vs. Frequency, Low Frequency Detail



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com