Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT360 Datasheet(PDF) 10 Page - Qingdao Hantek Electronic Co., Ltd.

Part # HT360
Description  Leeb Hardness Tester
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANTEK [Qingdao Hantek Electronic Co., Ltd.]
Direct Link  http://www.hantek.com/
Logo HANTEK - Qingdao Hantek Electronic Co., Ltd.

HT360 Datasheet(HTML) 10 Page - Qingdao Hantek Electronic Co., Ltd.

Back Button HT360 Datasheet HTML 6Page - Qingdao Hantek Electronic Co., Ltd. HT360 Datasheet HTML 7Page - Qingdao Hantek Electronic Co., Ltd. HT360 Datasheet HTML 8Page - Qingdao Hantek Electronic Co., Ltd. HT360 Datasheet HTML 9Page - Qingdao Hantek Electronic Co., Ltd. HT360 Datasheet HTML 10Page - Qingdao Hantek Electronic Co., Ltd. HT360 Datasheet HTML 11Page - Qingdao Hantek Electronic Co., Ltd. HT360 Datasheet HTML 12Page - Qingdao Hantek Electronic Co., Ltd. HT360 Datasheet HTML 13Page - Qingdao Hantek Electronic Co., Ltd. HT360 Datasheet HTML 14Page - Qingdao Hantek Electronic Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
Safety requirements
EN
HT360 series user manual
Copyright©Qingdao Hantek Electronics Co.,LTD
2
Devices that meet Class A requirements may not provide adequate protection for
broadcast services in the residential environment.
1.2
Safety terms and symbols
Safety terms in this manual:
Danger:
Indicate that you may cause immediate damage if you perform this operation.
Warning:
Indicate that it may not cause immediate damage to you if you perform this
operation.
Note:
Indicate that you may cause damage to this product or other properties if you
perform this operation.
Safety symbols on the product:
Warning
1.3
Working environment
Temperature
Operating temperature: 0 ℃ - 45 ℃
Storage temperature: -20 ℃ - 60 ℃
Humidity
≤+104 °F (≤+40 °C): relative humidity ≤ 90%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com