Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT360 Datasheet(PDF) 11 Page - Qingdao Hantek Electronic Co., Ltd.

Part # HT360
Description  Leeb Hardness Tester
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANTEK [Qingdao Hantek Electronic Co., Ltd.]
Direct Link  http://www.hantek.com/
Logo HANTEK - Qingdao Hantek Electronic Co., Ltd.

HT360 Datasheet(HTML) 11 Page - Qingdao Hantek Electronic Co., Ltd.

Back Button HT360 Datasheet HTML 7Page - Qingdao Hantek Electronic Co., Ltd. HT360 Datasheet HTML 8Page - Qingdao Hantek Electronic Co., Ltd. HT360 Datasheet HTML 9Page - Qingdao Hantek Electronic Co., Ltd. HT360 Datasheet HTML 10Page - Qingdao Hantek Electronic Co., Ltd. HT360 Datasheet HTML 11Page - Qingdao Hantek Electronic Co., Ltd. HT360 Datasheet HTML 12Page - Qingdao Hantek Electronic Co., Ltd. HT360 Datasheet HTML 13Page - Qingdao Hantek Electronic Co., Ltd. HT360 Datasheet HTML 14Page - Qingdao Hantek Electronic Co., Ltd. HT360 Datasheet HTML 15Page - Qingdao Hantek Electronic Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 46 page
background image
Safety requirements
EN
Copyright©Qingdao Hantek Electronics Co.,LTD
HT360 series user manual
3
106 °F ~
122 °F (+41 °C~45 °C): relative humidity ≤ 60%
The surrounding environment is free of vibration, strong magnetic field, corrosive
medium and serious dust.
Warning:
To avoid the risk of short circuit or electric shock in the internal circuit, do not
operate in a humid environment.
Altitude
When operating and not operating: 3000m (10000 feet).
Random vibration: 0.31 g RMS at 50Hz to 500Hz, 10 minutes per axial direction.
When not operating: 2.46g RMS from 5Hz to 500Hz, 10 minutes per axial direction.
Installation (overvoltage) category
This product is powered by a main power supply conforming to installation (overvoltage)
category II.
Warning:
Ensure that no over-voltage (such as lightning) reaches the product. Otherwise,
operators may be exposed to electric shock.
Definition of install (overvoltage) category
Installation (overvoltage) class I is the signal level that applies to the measuring
terminal of the device connected to the source circuit, where measures have been
taken to limit the instantaneous voltage to a correspondingly low level.
Installation (overvoltage) class II refers to the local distribution level, which is applicable
to devices connected to the mains (AC power supply).
Degree of pollution
2 class
Definition of pollution level
Pollution Level 1: No pollution, or only dry non-conductive pollution. This level of
contamination has no effect. Examples: clean rooms or office with air conditioning.
Pollution level 2: Generally only dry non-conductive pollution occurs. Temporary
conduction due to condensation may sometimes occur. Examples: general indoor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com