Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT360 Datasheet(PDF) 33 Page - Qingdao Hantek Electronic Co., Ltd.

Part # HT360
Description  Leeb Hardness Tester
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANTEK [Qingdao Hantek Electronic Co., Ltd.]
Direct Link  http://www.hantek.com/
Logo HANTEK - Qingdao Hantek Electronic Co., Ltd.

HT360 Datasheet(HTML) 33 Page - Qingdao Hantek Electronic Co., Ltd.

Back Button HT360 Datasheet HTML 29Page - Qingdao Hantek Electronic Co., Ltd. HT360 Datasheet HTML 30Page - Qingdao Hantek Electronic Co., Ltd. HT360 Datasheet HTML 31Page - Qingdao Hantek Electronic Co., Ltd. HT360 Datasheet HTML 32Page - Qingdao Hantek Electronic Co., Ltd. HT360 Datasheet HTML 33Page - Qingdao Hantek Electronic Co., Ltd. HT360 Datasheet HTML 34Page - Qingdao Hantek Electronic Co., Ltd. HT360 Datasheet HTML 35Page - Qingdao Hantek Electronic Co., Ltd. HT360 Datasheet HTML 36Page - Qingdao Hantek Electronic Co., Ltd. HT360 Datasheet HTML 37Page - Qingdao Hantek Electronic Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 46 page
background image
Function introduction
EN
Copyright©Qingdao Hantek Electronics Co.,LTD
HT360 series user manual
25
Function
Settings
Description
average number, the average value is
displayed in green. Continue measuring will
result in recount.
Material
(Cast
)Steel
CWT. steel
Stainless steel
Grey cast iron
Ductile iron
Cast aluminum alloy
Copper zinc alloy
Copper tin alloy
Pure copper
Forged steel
Switch the type of material being
measured.
Scale
HL
HB
HRB
HRC
HRA
HV
HS
Change the hardness scale
Table 51 Measurement menu functions
5.4
Save
Select Save in the main interface to enter the <Save> interface.
There are 10 storage groups in total. Each storage group can store 50 data, and a
total of 500 data can be stored.
Function
Settings
Description
Auto Save
ON
OFF
When automatic storage is on, the measured values
will be automatically stored in the selected storage
group after each measurement, and each storage
group can store 50 data. When the current storage
group is full, the instrument will remind you to switch to
the next storage group.
When the automatic storage is off, after a
measurement is completed, press
to save the
measured value, otherwise the measured value will not
be saved.
Store Set
1-10
After each measurement, the data is stored in this
storage group.
Browse Set
1-10
Select a group to browse data.
Delete Set
1-10
Select a group to delete data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com