Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT360 Datasheet(PDF) 32 Page - Qingdao Hantek Electronic Co., Ltd.

Part # HT360
Description  Leeb Hardness Tester
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANTEK [Qingdao Hantek Electronic Co., Ltd.]
Direct Link  http://www.hantek.com/
Logo HANTEK - Qingdao Hantek Electronic Co., Ltd.

HT360 Datasheet(HTML) 32 Page - Qingdao Hantek Electronic Co., Ltd.

Back Button HT360 Datasheet HTML 28Page - Qingdao Hantek Electronic Co., Ltd. HT360 Datasheet HTML 29Page - Qingdao Hantek Electronic Co., Ltd. HT360 Datasheet HTML 30Page - Qingdao Hantek Electronic Co., Ltd. HT360 Datasheet HTML 31Page - Qingdao Hantek Electronic Co., Ltd. HT360 Datasheet HTML 32Page - Qingdao Hantek Electronic Co., Ltd. HT360 Datasheet HTML 33Page - Qingdao Hantek Electronic Co., Ltd. HT360 Datasheet HTML 34Page - Qingdao Hantek Electronic Co., Ltd. HT360 Datasheet HTML 35Page - Qingdao Hantek Electronic Co., Ltd. HT360 Datasheet HTML 36Page - Qingdao Hantek Electronic Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 46 page
background image
Function introduction
EN
HT360 series user manual
Copyright©Qingdao Hantek Electronics Co.,LTD
24
Switch the hardness scale, including Leeb (HL), Brinell (HB), Rockwell B (HRB),
Rockwell C (HRC), Rockwell A (HRA), Vickers (HV) and Shore (HS).
6 Current measured value
7 Times of measurement/total times of measurement
When the number of measurements reaches the set number, the average value
changes from white to green.
5.2
System settings
After the instrument is started and enter the<Main Interface>, press the System button
to enter the<System>.
On the System page, language, sound, backlight brightness, backlight time, automatic
shutdown, date and time can be set.
Function
Settings
Description
Language
Chinese
English
Set the menu language.
Backlight
1-10
Set the screen backlight brightness.
BL time
30s
60s
90s
120s
OFF
Set the backlight time of the screen. The screen
backlight will be dimmed within a specified time if no
key is operated.
APO Time
5min
10min
30min
OFF
Set the automatic shutdown time. The instrument will
automatically shut down within the specified time if no
key is not operated.
Beeper
ON
OFF
Turn key sound on or off.
Date Time
- -
When the battery is removed, the time and date will
return to their original values.
Table 5 System menu functions
5.3
Measurement
Select Measure in the main interface to enter the<Measure>interface.
Function
Settings
Description
Direction
Downward
Inclined dowm
Horizontal
CLB climb
Upward
Select the direction of impact.
Times
1-32
Set the average number of times. When the
number of measurements reaches the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com