Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT360 Datasheet(PDF) 12 Page - Qingdao Hantek Electronic Co., Ltd.

Part # HT360
Description  Leeb Hardness Tester
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANTEK [Qingdao Hantek Electronic Co., Ltd.]
Direct Link  http://www.hantek.com/
Logo HANTEK - Qingdao Hantek Electronic Co., Ltd.

HT360 Datasheet(HTML) 12 Page - Qingdao Hantek Electronic Co., Ltd.

Back Button HT360 Datasheet HTML 8Page - Qingdao Hantek Electronic Co., Ltd. HT360 Datasheet HTML 9Page - Qingdao Hantek Electronic Co., Ltd. HT360 Datasheet HTML 10Page - Qingdao Hantek Electronic Co., Ltd. HT360 Datasheet HTML 11Page - Qingdao Hantek Electronic Co., Ltd. HT360 Datasheet HTML 12Page - Qingdao Hantek Electronic Co., Ltd. HT360 Datasheet HTML 13Page - Qingdao Hantek Electronic Co., Ltd. HT360 Datasheet HTML 14Page - Qingdao Hantek Electronic Co., Ltd. HT360 Datasheet HTML 15Page - Qingdao Hantek Electronic Co., Ltd. HT360 Datasheet HTML 16Page - Qingdao Hantek Electronic Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 46 page
background image
Safety requirements
EN
HT360 series user manual
Copyright©Qingdao Hantek Electronics Co.,LTD
4
environments.
Pollution level 3: Conductive pollution occurs, or dry non-conductive pollution
becomes conductive due to condensation. Examples: sheltered outdoor
environment.
Pollution Level 4: Permanent conductive contamination through conductive dust,
rain or snow. Examples: outdoor sites.
Security level
Level 1 - Grounded product
1.4
Maintenance and cleaning
Maintenance:
Do not expose the LCD to direct sunlight for a long time when storing or placing the
hardness tester.
Cleaning:
Check the instrument frequently according to the requirements of operating conditions,
and clean the external surface according to the following steps:
1) Use a lint free rag to remove the floating dust on the outside of the hardness tester.
Be careful to avoid scratching the bright filter material of the display.
2) Clean the hardness tester with a soft cloth soaked in water. For more thorough
cleaning, use a 75% isopropyl alcohol water solvent.
Note:
To avoid damaging the surface of the instrument, do not use any corrosive reagents or
chemical cleaning reagents.
Warning:
Before reenergizing, please make sure that the instrument is dry to avoid electrical
short circuit or personal injury caused by moisture.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com