Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT2MOA3S20/E/3 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # HT2MOA3S20/E/3
Description  HITAGTM2 Chip Module
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HT2MOA3S20/E/3 Datasheet(HTML) 4 Page - NXP Semiconductors

  HT2MOA3S20/E/3 Datasheet HTML 1Page - NXP Semiconductors HT2MOA3S20/E/3 Datasheet HTML 2Page - NXP Semiconductors HT2MOA3S20/E/3 Datasheet HTML 3Page - NXP Semiconductors HT2MOA3S20/E/3 Datasheet HTML 4Page - NXP Semiconductors HT2MOA3S20/E/3 Datasheet HTML 5Page - NXP Semiconductors HT2MOA3S20/E/3 Datasheet HTML 6Page - NXP Semiconductors HT2MOA3S20/E/3 Datasheet HTML 7Page - NXP Semiconductors HT2MOA3S20/E/3 Datasheet HTML 8Page - NXP Semiconductors HT2MOA3S20/E/3 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Specifications of the HT2 MOA3 S20
Rev. 1.1
1997-08-19
Ht2moa3.doc/HS
Page 4 of 22
2 Specifications
2.1 Mechanical Properties
Width
(Proposed Punching Outline)
7.55 mm
Length
(Proposed Punching Outline)
11.75 mm
see also drawing in chapter 3
Overall Thickness
0.45 mm ± 0.03 mm
Film Thickness
0.16 mm ± 0.005 mm
Bondpad Size for
Transponder Coil / Module
Interconnection
1.9 x 3.5 mm
Suitable for Welding/Soldering/
Conductive Gluing
2.2 Materials
Tape
110 µm
Glass epoxy
Copper Plating
35 µm
ED copper
Bond Plating
Ni / Au
Suitable for Al and Au wire
bonding
Backside Plating
Ni / Au
Glob Top
Filled Epoxy
Thermal curing
2.3 Temperature Range
Operating
-25°C to +85°C
For packed transponder,
depending on type of package
Processing
150°C for 30 minutes
at a standard lamination
pressure for contactless smart
card plastic materials (e.g. PVC,
PET, ...)
Welding Parameters
max. 25 ms @ 500 °C
on bond pads
Soldering Parameters
max. 3 s @ 390 °C
on bond pads



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com