Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT2MOA3S20/E/3 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # HT2MOA3S20/E/3
Description  HITAGTM2 Chip Module
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HT2MOA3S20/E/3 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button HT2MOA3S20/E/3 Datasheet HTML 6Page - NXP Semiconductors HT2MOA3S20/E/3 Datasheet HTML 7Page - NXP Semiconductors HT2MOA3S20/E/3 Datasheet HTML 8Page - NXP Semiconductors HT2MOA3S20/E/3 Datasheet HTML 9Page - NXP Semiconductors HT2MOA3S20/E/3 Datasheet HTML 10Page - NXP Semiconductors HT2MOA3S20/E/3 Datasheet HTML 11Page - NXP Semiconductors HT2MOA3S20/E/3 Datasheet HTML 12Page - NXP Semiconductors HT2MOA3S20/E/3 Datasheet HTML 13Page - NXP Semiconductors HT2MOA3S20/E/3 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
Specifications of the HT2 MOA3 S20
Rev. 1.1
1997-08-19
Ht2moa3.doc/HS
Page 10 of 22
4 Coil Specifications
The HITAG 2 chip module has to be connected to a coil whose parameters are briefly described
in the following.
Equivalent circuit of the transponder
Xpc
Rpc
Cp
Uc
Cchip
Rchip
Uc
...
voltage at the connection pads
fres
...
resonant frequency of the transponder
Xpc
...
parallel reactance of the coil (f = 125 kHz)
Rpc
...
parallel resistance of the coil (f = 125 kHz)
Cp
...
parasitic capacitance of the package
Cchip
...
capacitance of the chip (Uc > 4 Vpp)
Rchip
...
resistance of the chip
fresc
...
self resonant frequency of the coil
Lpc
=
Xpc/2
πf (f = 125 kHz)
Lpc
=
7.72 mH
± x % (C
p = 0, x depends on the coil production process)
Cchip
=
210 pF ± 10 %
Rpc
>
45 k
[
fresc
>
750 kHz
Note: The parasitic capacitance of the package (Cp) must be considered.
()
()
f
1
2(C
C ).L
125 kHz
L
=
1
2f
C
+ C
res
chip
p
pc
pc
res
chip
p
=
+
=⇒
π
π
2
Typical values for Cp
hot laminated cards:
Cp = 1.5 pF
moulded tags:
Cp = 6.0 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com