Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT2MOA3S20/E/3 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # HT2MOA3S20/E/3
Description  HITAGTM2 Chip Module
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HT2MOA3S20/E/3 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button HT2MOA3S20/E/3 Datasheet HTML 9Page - NXP Semiconductors HT2MOA3S20/E/3 Datasheet HTML 10Page - NXP Semiconductors HT2MOA3S20/E/3 Datasheet HTML 11Page - NXP Semiconductors HT2MOA3S20/E/3 Datasheet HTML 12Page - NXP Semiconductors HT2MOA3S20/E/3 Datasheet HTML 13Page - NXP Semiconductors HT2MOA3S20/E/3 Datasheet HTML 14Page - NXP Semiconductors HT2MOA3S20/E/3 Datasheet HTML 15Page - NXP Semiconductors HT2MOA3S20/E/3 Datasheet HTML 16Page - NXP Semiconductors HT2MOA3S20/E/3 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
Specifications of the HT2 MOA3 S20
Rev. 1.1
1997-08-19
Ht2moa3.doc/HS
Page 13 of 22
5.2 Operation Modes and Configuration
With the Configuration Byte the operation mode and the access rights to the memory can be
selected. During Power-Up of the transponder the Configuration Byte is read from the
transponder’s EEPROM.
If you change the configuration, keys or passwords, you have to place the transponder
directly on the antenna or hold it directly to it (0-distance)! In order to avoid any errors
do not move the transponder during this write process and be sure that you are in a safe
environment without electrical noise.
5.2.1 Modes of Operation
The HITAG 2 can be operated in several modes.
Crypto Mode:
Mode for writing or reading the transponder with encrypted data transmission.
Password Mode:
Mode for writing or reading the transponder with plain data transmission.
A password check is performed.
Public Mode A (Manchester):
Read only mode emulating Philips Semiconductors´ MIRO transponders resp.
µEM H400x
transponders.
The 64 bits of the user Pages 4 and 5 are cyclically transmitted to the read/write device.
Public Mode B (Biphase):
Read only mode according to ISO standards 11784 and 11785 for animal identification.
The 128 bits of the user Pages 4 to 7 are cyclically transmitted to the read/write device.
Public Mode C (Biphase):
Read only mode emulating the read operation of the PCF793X (with a slightly different Program
Mode Check).
In the Public Mode C the 128 bits of the user Pages 4 to 7 are cyclically transmitted to the
read/write device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com