Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT2MOA3S20/E/3 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # HT2MOA3S20/E/3
Description  HITAGTM2 Chip Module
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HT2MOA3S20/E/3 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button HT2MOA3S20/E/3 Datasheet HTML 7Page - NXP Semiconductors HT2MOA3S20/E/3 Datasheet HTML 8Page - NXP Semiconductors HT2MOA3S20/E/3 Datasheet HTML 9Page - NXP Semiconductors HT2MOA3S20/E/3 Datasheet HTML 10Page - NXP Semiconductors HT2MOA3S20/E/3 Datasheet HTML 11Page - NXP Semiconductors HT2MOA3S20/E/3 Datasheet HTML 12Page - NXP Semiconductors HT2MOA3S20/E/3 Datasheet HTML 13Page - NXP Semiconductors HT2MOA3S20/E/3 Datasheet HTML 14Page - NXP Semiconductors HT2MOA3S20/E/3 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Specifications of the HT2 MOA3 S20
Rev. 1.1
1997-08-19
Ht2moa3.doc/HS
Page 11 of 22
For a rough estimation (
± 10 %) of the number of coil windings following formula can be used.
It is assumed that the winding is done in circular form.
N
L
2U l n (
u
d
)
1, 8 5
=
N
... number of windings
L
... inductance [nH]
U
... average coil circumference [cm]
d
... copper diameter [mm]
u
... average coil circumference [mm]
For fine tuning a measurement of the inductance and an according adjustment of the number of
windings is necessary. This process always needs some iterations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com