Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT2MOA3S20/E/3 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # HT2MOA3S20/E/3
Description  HITAGTM2 Chip Module
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HT2MOA3S20/E/3 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button HT2MOA3S20/E/3 Datasheet HTML 2Page - NXP Semiconductors HT2MOA3S20/E/3 Datasheet HTML 3Page - NXP Semiconductors HT2MOA3S20/E/3 Datasheet HTML 4Page - NXP Semiconductors HT2MOA3S20/E/3 Datasheet HTML 5Page - NXP Semiconductors HT2MOA3S20/E/3 Datasheet HTML 6Page - NXP Semiconductors HT2MOA3S20/E/3 Datasheet HTML 7Page - NXP Semiconductors HT2MOA3S20/E/3 Datasheet HTML 8Page - NXP Semiconductors HT2MOA3S20/E/3 Datasheet HTML 9Page - NXP Semiconductors HT2MOA3S20/E/3 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Specifications of the HT2 MOA3 S20
Rev. 1.1
1997-08-19
Ht2moa3.doc/HS
Page 6 of 22
2.6 Electrical Specifications
Symbol
min
typ
max
Comment / Conditions
Absolute Maximum Ratings
Junction Temperature
TJ
-55°C
140°C
Input Peak Current
I
INpeak
30 mA
Latch up Current
100 mA
MIL-STD 883D, Method 3023
ESD
2 kV
MIL-STD 883D, Method 3015.7,
Human Body
Operating Range
Temperature
T
A
-40°C
85°C
RThJunctionAmbient
≤ 30 K/W @
IINpeak = 30 mA
Input Read Only Threshold
Voltage
1) 3)
VIN,RO
2,8 Vp
3,9 Vp
start modulation in read only
modes
Input Threshold Voltage
1) 3)
VIN,TH
3,1 Vp
4,2 Vp
start modulation after SETCC
Input Read Voltage
1) 3)
VIN,RD
3,5 Vp
4,5 Vp
read E²PROM
Input Write Voltage
1) 3)
VIN,WR
3,7 Vp
4,7 Vp
write E²PROM
Demodulator
Range
3)
VDEM_R
2,0 Vp
4,0 Vp
VINHigh - VINLow @ VINHigh = 5,0 Vp
T0=8 µs, TMOD=6*T0
2)
Modulator
R_MOD linear
3)
RMODL
4,5 k
Ω V
INLow
≤ 2,0 V
p
R_MOD nonlinear
3)
RMODNL
3,6 k
Ω V
INLow
≥ 2,0 V
p
Resonance Capacitor
3)
CResInit
189 pF
210 pF
231 pF
VIN = 4,0 Vp
EEPROM
Write Current
4)
IW
25 µA
VDD = 2,8 V
Read Current
4)
IR
9 µA
VDD = 2,8 V
Data Retention
Years
10
@ 55°C
Write Endurance
Cycles
100.000
1)
V
IN
 = V
IN1
− V
IN2
 ... voltage between connection pads
2)
VINHigh
input voltage before modulation
VINLow
input voltage during modulation
TMOD
duration of the modulation
3)
@ Ri = 10 k
Ω resistance of measurement equipment
4)
tested on silicon level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com