Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB97CFDC2-01 Datasheet(PDF) 11 Page - SMSC Corporation

Part # USB97CFDC2-01
Description  USB Floppy Disk Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97CFDC2-01 Datasheet(HTML) 11 Page - SMSC Corporation

Back Button USB97CFDC2-01 Datasheet HTML 7Page - SMSC Corporation USB97CFDC2-01 Datasheet HTML 8Page - SMSC Corporation USB97CFDC2-01 Datasheet HTML 9Page - SMSC Corporation USB97CFDC2-01 Datasheet HTML 10Page - SMSC Corporation USB97CFDC2-01 Datasheet HTML 11Page - SMSC Corporation USB97CFDC2-01 Datasheet HTML 12Page - SMSC Corporation USB97CFDC2-01 Datasheet HTML 13Page - SMSC Corporation USB97CFDC2-01 Datasheet HTML 14Page - SMSC Corporation USB97CFDC2-01 Datasheet HTML 15Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
SMSC DS – USB97CFDC2-01
Page 11
Rev. 02-27-07
DATASHEET
5.1
Buffer Type Descriptions
Table 1 - USB97CFDC2-01 Buffer Type Descriptions
BUFFER
DESCRIPTION
I
Input
IP
Input with 30uA pull-up
IS
Input with Schmitt trigger
O8
Output with 8mA drive
IO8
Input/output with 8mA drive
IO8P
Input/output with 8mA drive and 30uA
pull-up
OD12
Open drain….12mA sink
O24
Output with 24mA drive
OD24
Open drain….24mA sink
ICLKx
XTAL clock input
OCLKx
XTAL clock output
I/O-U
See Table 6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com