Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB97CFDC2-01 Datasheet(PDF) 17 Page - SMSC Corporation

Part # USB97CFDC2-01
Description  USB Floppy Disk Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97CFDC2-01 Datasheet(HTML) 17 Page - SMSC Corporation

Back Button USB97CFDC2-01 Datasheet HTML 13Page - SMSC Corporation USB97CFDC2-01 Datasheet HTML 14Page - SMSC Corporation USB97CFDC2-01 Datasheet HTML 15Page - SMSC Corporation USB97CFDC2-01 Datasheet HTML 16Page - SMSC Corporation USB97CFDC2-01 Datasheet HTML 17Page - SMSC Corporation USB97CFDC2-01 Datasheet HTML 18Page - SMSC Corporation USB97CFDC2-01 Datasheet HTML 19Page - SMSC Corporation USB97CFDC2-01 Datasheet HTML 20Page - SMSC Corporation USB97CFDC2-01 Datasheet HTML 21Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
SMSC DS – USB97CFDC2-01
Page 17
Rev. 02-27-07
DATASHEET
9
AC PARAMETERS
t2
t1
t2
CLOCKI
FIGURE 1 - INPUT CLOCK TIMING
Table 2 – Input Clock Timing Parameters
NAME
DESCRIPTION
MIN
TYP
MAX
UNITS
t1
Clock Cycle Time for 14.318MHz
69.84
ns
t2
Clock High Time/Low Time for 24MHz
41.9/
27.9
27.9/
41.9
ns
tr, tf
Clock Rise Time/Fall Time (not shown)
5
ns
FA [0:19
]
FD [7:0
nFR D
nFW R
t1
t5
t3
t4
t2
FIGURE 2 – FLASH READ TIMING
Table 3 – Flash Read Timing
NAME
PARAMETER
MIN
TYP
MAX
UNITS
t1
FA[14:0] Address setup time to nFRD asserted
40
ns
t2
nFRD pulse width
110
ns
t3
FD[7:0] Data setup time to nFRD de-asserted
30
ns
t4
FD[7:0] Data hold time from nFRD de-asserted
0
ns
t5
FA[14:0] Address hold time from nFRD de-asserted
35
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com