Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB97CFDC2-01 Datasheet(PDF) 18 Page - SMSC Corporation

Part # USB97CFDC2-01
Description  USB Floppy Disk Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97CFDC2-01 Datasheet(HTML) 18 Page - SMSC Corporation

Back Button USB97CFDC2-01 Datasheet HTML 14Page - SMSC Corporation USB97CFDC2-01 Datasheet HTML 15Page - SMSC Corporation USB97CFDC2-01 Datasheet HTML 16Page - SMSC Corporation USB97CFDC2-01 Datasheet HTML 17Page - SMSC Corporation USB97CFDC2-01 Datasheet HTML 18Page - SMSC Corporation USB97CFDC2-01 Datasheet HTML 19Page - SMSC Corporation USB97CFDC2-01 Datasheet HTML 20Page - SMSC Corporation USB97CFDC2-01 Datasheet HTML 21Page - SMSC Corporation USB97CFDC2-01 Datasheet HTML 22Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
SMSC DS – USB97CFDC2-01
Page 18
Rev. 02-27-07
DATASHEET
FIGURE 3 - DISK DRIVE TIMING
TYP
t3
t1
t2
t4
t5
t6
t7
t8
nDIR
nSTEP
nDS0
nINDEX
nRDATA
nWDATA
*X specifies one MCLK period and Y specifies one WCLK period.
MCLK = 16x Data Rate (at 500 Kbp/s MCLK = 8 MHz)
WCLK = 2x Data Rate (at 500 Kbp/s WCLK = 1 MHz)
PARAMETER
MIN
MAX
UNITS
t1
t2
t3
t4
t5
t6
t7
t8
nDIR Set Up to nSTEP Low
nSTEP Active Time Low
nDIR Hold Time After nSTEP
nSTEP Cycle Time
nDS0-1 Hold Time from nSTEP Low
nINDEX Pulse Width
nRDATA Active Time Low
nWDATA Write Data Width Low
X*
X*
X*
X*
X*
X*
ns
Y*
4
24
96
132
20
2
40
.5
NAME



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com