Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB97CFDC2-01 Datasheet(PDF) 19 Page - SMSC Corporation

Part # USB97CFDC2-01
Description  USB Floppy Disk Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97CFDC2-01 Datasheet(HTML) 19 Page - SMSC Corporation

Back Button USB97CFDC2-01 Datasheet HTML 15Page - SMSC Corporation USB97CFDC2-01 Datasheet HTML 16Page - SMSC Corporation USB97CFDC2-01 Datasheet HTML 17Page - SMSC Corporation USB97CFDC2-01 Datasheet HTML 18Page - SMSC Corporation USB97CFDC2-01 Datasheet HTML 19Page - SMSC Corporation USB97CFDC2-01 Datasheet HTML 20Page - SMSC Corporation USB97CFDC2-01 Datasheet HTML 21Page - SMSC Corporation USB97CFDC2-01 Datasheet HTML 22Page - SMSC Corporation USB97CFDC2-01 Datasheet HTML 23Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
SMSC DS – USB97CFDC2-01
Page 19
Rev. 02-27-07
DATASHEET
10 USB PARAMETERS
The following tables and diagrams were obtained from the USB specification
10.1 USB DC PARAMETERS
0.0
0.2
0.4
0.6
0.8
1.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
Common Mode Input Voltage (volts)
FIGURE 4 - DIFFERENTIAL INPUT SENSITIVITY OVER ENTIRE COMMON MODE RANGE
Table 4 - DC Electrical Characteristics
PARAMETER
SYMBOL
CONDITIONS
(NOTE 1, 2)
MIN
TYP
MAX
UNIT
Supply Voltage
Powered (Host or Hub) Port
VBUS
4.4
5.25
V
Supply Current
Function
ICC
Note 4
100
mA
Un-configured Function (in)
ICCINIT
Note 5
100
uA
Suspend Device
ICCS
100
uA
Leakage Current
Hi-Z State Data Line
Leakage
ILO
0 V < VIN < 3.3
V
-10
10
uA
Input Levels
Differential Input Sensitivity
VDI
|(D+) - (D-)|, and
FIGURE 4
0.2
V
Differential Common Mode
Range
VCM
Includes VDI
range
0.8
2.5
V
Single Ended Receiver
Threshold
VSE
0.8
2.0
V
Output Levels
Static Output Low
VOL
RL of 1.5 K
Ω to
3.6 V
0.3 (3)
V
Static Output High
VOH
RL of 15 K
Ω to
GND
2.8
3.6 (3)
V
Capacitance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com