Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB97CFDC2-01 Datasheet(PDF) 13 Page - SMSC Corporation

Part # USB97CFDC2-01
Description  USB Floppy Disk Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97CFDC2-01 Datasheet(HTML) 13 Page - SMSC Corporation

Back Button USB97CFDC2-01 Datasheet HTML 9Page - SMSC Corporation USB97CFDC2-01 Datasheet HTML 10Page - SMSC Corporation USB97CFDC2-01 Datasheet HTML 11Page - SMSC Corporation USB97CFDC2-01 Datasheet HTML 12Page - SMSC Corporation USB97CFDC2-01 Datasheet HTML 13Page - SMSC Corporation USB97CFDC2-01 Datasheet HTML 14Page - SMSC Corporation USB97CFDC2-01 Datasheet HTML 15Page - SMSC Corporation USB97CFDC2-01 Datasheet HTML 16Page - SMSC Corporation USB97CFDC2-01 Datasheet HTML 17Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
SMSC DS – USB97CFDC2-01
Page 13
Rev. 02-27-07
DATASHEET
ATTRIBUTES – 4 BYTES (OBTAINED FROM SECTION 3.0)
Example:
The
value
for
your
drive
from
Table
3-
Attributes
for
the
Variants
is
“0005
0000”
EEPROM.DAT: 00 05 00 00
ATTRIBUTES
TAPE BITS
HDO PIN HIGH
DRVRDY DELAY
DSKCHG DETECT
0014 0000
Not set
2HD
Before motor on
Motor on
C014 0004
Set
2DD
Before motor on
Motor on
0005 0000
Not set
2DD
Before motor on
Motor on
0001 0000
Not set
N/A
Before motor on
Motor on
0087 0000
Not set
2DD
N/A
Motor on
8004 0002
Set
2DD
Before motor on
Motor on
000C 0000
Not set
2HD
After motor on
Motor on
020C 0000
Not set
2HD
After motor on
Motor off
802C 0000
Set
2HD
After motor on
Motor on
33AC 0000
Set
2HD
After motor on
Motor on
0005 0001
Not set
2HD
Before motor on
Motor on
0405 0001
Not set
2HD
Before motor on
Motor off
Notes:
1.
The Tape Bits being set place the FDC Controller’s data clock separator into a mode which has more spindle
speed variation tolerance (for small form factor drives) but slightly less bit jitter tolerance.
2.
If the HDO pin is not provided use variant 0001 0000.
3.
The DRVRDY delay refers to either delaying the MOTOR ON command until DRVRDY goes active after power
up (“Before motor on”) or waiting after the motoro on command is given to the drive until DRVRDY is active
before issuing a step command to the drive (“After motor on”). This applies only to drives with a DRVRDY pin.
For those that do not, the DRVRDY input should be tied high (active) so that this delay is not used.
4.
The DSKCHG colum refers to whether the drive requires its motor to be on before it will update the DSKCHNG
pin or not.
To know more about the format of the Device Descriptor and the Strings please refer to the USB 1.1 Specifications.
For information on the UFI Inquiry Data, please refer to the “USB Mass Storage Class UFI Command Specification”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com