Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISP1107 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # ISP1107
Description  Advanced Universal Serial Bus transceiver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1107 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button ISP1107 Datasheet HTML 3Page - NXP Semiconductors ISP1107 Datasheet HTML 4Page - NXP Semiconductors ISP1107 Datasheet HTML 5Page - NXP Semiconductors ISP1107 Datasheet HTML 6Page - NXP Semiconductors ISP1107 Datasheet HTML 7Page - NXP Semiconductors ISP1107 Datasheet HTML 8Page - NXP Semiconductors ISP1107 Datasheet HTML 9Page - NXP Semiconductors ISP1107 Datasheet HTML 10Page - NXP Semiconductors ISP1107 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Philips Semiconductors
ISP1107
Advanced USB transceiver
Objective specification
Rev. 01 — 23 February 2000
7 of 19
9397 750 06899
© Philips Electronics N.V. 2000. All rights reserved.
9.
Static characteristics
[1]
In ‘suspend’ mode, the minimum voltage is 2.7 V.
[2]
Characterized only, not tested in production.
[3]
Excluding Vpu(3.3) source current to 1.5 kΩ and 15 kΩ pull-up and pull-down resistors (200 µA typ.).
Table 9:
Static characteristics: supply pins
VCC = 4.0 to 5.5 V; VCC(I/O) = 1.65 to 3.6 V; VGND =0V; Tamb = −40 to +85 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Vreg(3.3)
regulated supply voltage
unloaded
3.0 [1]
3.3
3.6
V
ICC
operating supply current
full-speed transmitting and receiving
at 12 Mbit/s; CL = 50 pF on D+/D−
-6
10 [2]
mA
ICC(idle)
supply current during
full-speed idle and SE0
full-speed idle: D
+ > 2.7 V,
D
− < 0.3 V; SE0: D+ < 0.3 V,
D
− < 0.3 V
[3] -
-
500
µA
ICC(susp)
suspend supply current
SUSPND = HIGH
[3] --20
µA
ICC(dis)
disable mode supply current VCC(I/O) not connected
[3] --20
µA
ICC(I/O)
operating I/O supply current
full-speed transmitting and receiving
at 12 Mbit/s
-
0.3
1 [2]
mA
ICC(I/O)(static)
static I/O supply current
full-speed idle, SE0 or suspend
-
-
10
µA
ICC(I/O)(sharing) sharing mode I/O supply
current
VCC(5.0)/Vreg(3.3) not connected
[3] --10
µA
IDx(sharing)
sharing mode load current
on pins D
+ and D−
VCC(5.0)/Vreg(3.3) not connected;
SOFTCON = LOW; VDx = 3.6 V
[3] --5
µA
Table 10: Static characteristics: digital pins
VCC = 4.0 to 5.5 V; VCC(I/O) = 1.65 to 3.6 V; VGND =0V; Tamb = −40 to +85 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCC(I/O) = 1.65 to 3.6 V
Input levels
VIL
LOW-level input voltage
-
-
0.3VCC(I/O)
V
VIH
HIGH-level input voltage
0.6VCC(I/O)
--
V
Output levels
VOL
LOW-level output voltage
IOL = 100 µA
-
-
0.15
V
IOL = 4 mA
-
-
0.4
V
VOH
HIGH-level output voltage
IOH = 100 µAVCC(I/O) − 0.15 -
-
V
IOH = 4 mA
VCC(I/O) − 0.4
-
-
V
Leakage current
ILI
input leakage current
-
-
±1
µA
VCC(I/O) = 1.8 V ± 0.15 V
Input levels
VIL
LOW-level input voltage
-
-
0.5
V
VIH
HIGH-level input voltage
1.2
-
-
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com