Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISP1107 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # ISP1107
Description  Advanced Universal Serial Bus transceiver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1107 Datasheet(HTML) 1 Page - NXP Semiconductors

  ISP1107 Datasheet HTML 1Page - NXP Semiconductors ISP1107 Datasheet HTML 2Page - NXP Semiconductors ISP1107 Datasheet HTML 3Page - NXP Semiconductors ISP1107 Datasheet HTML 4Page - NXP Semiconductors ISP1107 Datasheet HTML 5Page - NXP Semiconductors ISP1107 Datasheet HTML 6Page - NXP Semiconductors ISP1107 Datasheet HTML 7Page - NXP Semiconductors ISP1107 Datasheet HTML 8Page - NXP Semiconductors ISP1107 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
ISP1107
Advanced Universal Serial Bus transceiver
Rev. 01 — 23 February 2000
Objective specification
c
c
1.
General description
The ISP1107 is a Universal Serial Bus (USB) transceiver that is fully compliant with
the
Universal Serial Bus Specification Rev. 1.1. It is ideal for portable electronics
devices such as mobile phones, digital still cameras and personal digital assistants. It
allows 1.8 V, 2.5 V and 3.3 V USB Application Specific ICs (ASICs) and
Programmable Logic Devices (PLDs) to interface with the physical layer of the
Universal Serial Bus. It has an integrated 5 V to 3.3 V voltage regulator allowing
direct powering from the USB supply VBUS.
The ISP1107 can be used as a USB device transceiver or a USB host transceiver. It
can transmit and receive serial data at both full-speed (12 Mbit/s) and low-speed
(1.5 Mbit/s) data rates. The ISP1107 is compatible with the industry-standard Philips
Semiconductors USB transceiver PDIUSBP11A.
2.
Features
s Complies with Universal Serial Bus Specification Rev. 1.1
s Integrated 5 V to 3.3 V voltage regulator allowing direct powering from USB VBUS
s Used as a USB device transceiver or a USB host transceiver
s Supports full-speed (12 Mbit/s) and low-speed (1.5 Mbit/s) serial data rates
s Slew-rate controlled differential data driver
s Differential input receiver with wide common-mode range and very high input
sensitivity
s Stable RCV output during SE0 condition
s Two single-ended receivers with hysteresis
s Low-power operation
s Three I/O voltage levels: 1.8 V, 2.5 V and 3.3 V
s Backward compatible with PDIUSBP11A
s Higher than 8 kV ESD protection
s Full industrial operating temperature range
−40 to +85 °C
s Available in small TSSOP16 and BCC16 packages.


Similar Part No. - ISP1107

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ISP1107 PHILIPS-ISP1107 Datasheet
588Kb / 24P
Advanced Universal Serial Bus transceivers
Rev. 06-30 November 2001
ISP1107DH PHILIPS-ISP1107DH Datasheet
588Kb / 24P
Advanced Universal Serial Bus transceivers
Rev. 06-30 November 2001
ISP1107W PHILIPS-ISP1107W Datasheet
588Kb / 24P
Advanced Universal Serial Bus transceivers
Rev. 06-30 November 2001
More results

Similar Description - ISP1107

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDIUSBP11A PHILIPS-PDIUSBP11A Datasheet
120Kb / 12P
Universal Serial Bus Transceiver
1999 Jun 04
logo
Sipex Corporation
SP5301 SIPEX-SP5301 Datasheet
185Kb / 13P
Universal Serial Bus Transceiver
logo
Fairchild Semiconductor
USB1T11A FAIRCHILD-USB1T11A Datasheet
558Kb / 11P
Universal Serial Bus Transceiver
logo
NXP Semiconductors
ISP1104 PHILIPS-ISP1104 Datasheet
494Kb / 19P
Advanced Universal Serial Bus transceiver
Rev. 02-14 October 2003
ISP1102 PHILIPS-ISP1102 Datasheet
533Kb / 23P
Advanced Universal Serial Bus transceiver
Rev. 03-02 September 2003
logo
Fairchild Semiconductor
USB1T20 FAIRCHILD-USB1T20 Datasheet
700Kb / 9P
Universal Serial Bus Transceiver
logo
Texas Instruments
TUSB2551 TI-TUSB2551 Datasheet
530Kb / 18P
ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVER
TUSB2551A TI-TUSB2551A Datasheet
834Kb / 20P
ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVER
TUSB2551 TI-TUSB2551_10 Datasheet
652Kb / 20P
ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVER
logo
NXP Semiconductors
ISP1102A NXP-ISP1102A Datasheet
168Kb / 25P
Advanced Universal Serial Bus transceiver
Rev. 01-15 February 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com