Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISP1107 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # ISP1107
Description  Advanced Universal Serial Bus transceiver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1107 Datasheet(HTML) 2 Page - NXP Semiconductors

  ISP1107 Datasheet HTML 1Page - NXP Semiconductors ISP1107 Datasheet HTML 2Page - NXP Semiconductors ISP1107 Datasheet HTML 3Page - NXP Semiconductors ISP1107 Datasheet HTML 4Page - NXP Semiconductors ISP1107 Datasheet HTML 5Page - NXP Semiconductors ISP1107 Datasheet HTML 6Page - NXP Semiconductors ISP1107 Datasheet HTML 7Page - NXP Semiconductors ISP1107 Datasheet HTML 8Page - NXP Semiconductors ISP1107 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Philips Semiconductors
ISP1107
Advanced USB transceiver
Objective specification
Rev. 01 — 23 February 2000
2 of 19
9397 750 06899
© Philips Electronics N.V. 2000. All rights reserved.
3.
Applications
s Portable electronic devices, such as
x mobile phones
x digital still cameras
x personal digital assistants (PDA)
x Internet appliances (IA).
4.
Ordering information
[1]
In development.
5.
Functional diagram
Table 1:
Ordering information
Type number
Package
Name
Description
Version
ISP1107xx
BCC16 [1]
plastic bottom chip carrier; 16 terminals; body 3 x 3 x 0.65 mm
SOTxxx
ISP1107DH
TSSOP16
plastic thin shrink small outline package; 16 leads; body width 4.4 mm
SOT403-1
(1) Use a 39
Ω resistor (1%) for a USB v2.0 compliant output impedance range.
(2) Connect to D
− for low-speed operation.
Fig 1.
Functional diagram.
handbook, full pagewidth
MGS962
VCC(I/O)
VCC(5.0)
VOLTAGE
REGULATOR
3.3 V
1.5 k
Ω(2)
33
Ω(1) (1%)
33
Ω(1) (1%)
LEVEL
SHIFTER
ISP1107
SOFTCON
Vreg(3.3)
GND
Vpu(3.3)
D
+
D
−
OE
FSE0
VO
SUSPND
RCV
VP
VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com