Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISP1107 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # ISP1107
Description  Advanced Universal Serial Bus transceiver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1107 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button ISP1107 Datasheet HTML 4Page - NXP Semiconductors ISP1107 Datasheet HTML 5Page - NXP Semiconductors ISP1107 Datasheet HTML 6Page - NXP Semiconductors ISP1107 Datasheet HTML 7Page - NXP Semiconductors ISP1107 Datasheet HTML 8Page - NXP Semiconductors ISP1107 Datasheet HTML 9Page - NXP Semiconductors ISP1107 Datasheet HTML 10Page - NXP Semiconductors ISP1107 Datasheet HTML 11Page - NXP Semiconductors ISP1107 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Philips Semiconductors
ISP1107
Advanced USB transceiver
Objective specification
Rev. 01 — 23 February 2000
8 of 19
9397 750 06899
© Philips Electronics N.V. 2000. All rights reserved.
Output levels
VOL
LOW-level output voltage
IOL = 100 µA
-
-
0.15
V
IOL = 4 mA
-
-
0.4
V
VOH
HIGH-level output voltage
IOH = 100 µA
1.5
-
-
V
IOH = 4 mA
1.25
-
-
V
VCC(I/O) = 2.5 V ± 0.2 V)
Input levels
VIL
LOW-level input voltage
-
-
0.7
V
VIH
HIGH-level input voltage
1.7
-
-
V
Output levels
VOL
LOW-level output voltage
IOL = 100 µA
-
-
0.15
V
IOL = 4 mA
-
-
0.4
V
VOH
HIGH-level output voltage
IOH = 100 µA
2.15
-
-
V
IOH = 4 mA
1.9
-
-
V
VCC(I/O) = 3.3 V ± 0.3 V
Input levels
VIL
LOW-level input voltage
-
-
0.9
V
VIH
HIGH-level input voltage
2.15
-
-
V
Output levels
VOL
LOW-level output voltage
IOL = 100 µA
-
-
0.2
V
IOL = 4 mA
-
-
0.4
V
VOH
HIGH-level output voltage
IOH = 100 µA
2.85
-
-
V
IOH = 4 mA
2.6
-
-
V
Table 10: Static characteristics: digital pins…continued
VCC = 4.0 to 5.5 V; VCC(I/O) = 1.65 to 3.6 V; VGND =0V; Tamb = −40 to +85 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 11: Static characteristics: analog I/O pins (D
+, D−)
VCC = 4.0 to 5.5 V; VCC(I/O) = 1.65 to 3.6 V; VGND =0V; Tamb = −40 to +85 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Input levels
Differential receiver
VDI
differential input sensitivity
|VI(D+) − VI(D−)|
0.2
-
-
V
VCM
differential common mode
voltage
includes VDI range
0.8
-
2.5
V
Single-ended receiver
VIL
LOW-level input voltage
-
-
0.8
V
VIH
HIGH-level input voltage
2.0
-
-
V
Vhys
hysteresis voltage
0.4
-
0.7
V
Output levels
VOL
LOW-level output voltage
RL = 1.5 kΩ to + 3.6 V
-
-
0.3
V
VOH
HIGH-level output voltage
RL =15kΩ to GND
2.8
-
3.6
V
Leakage current
ILZ
OFF-state leakage current
-
-
±1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com