Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISP1107 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # ISP1107
Description  Advanced Universal Serial Bus transceiver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1107 Datasheet(HTML) 4 Page - NXP Semiconductors

  ISP1107 Datasheet HTML 1Page - NXP Semiconductors ISP1107 Datasheet HTML 2Page - NXP Semiconductors ISP1107 Datasheet HTML 3Page - NXP Semiconductors ISP1107 Datasheet HTML 4Page - NXP Semiconductors ISP1107 Datasheet HTML 5Page - NXP Semiconductors ISP1107 Datasheet HTML 6Page - NXP Semiconductors ISP1107 Datasheet HTML 7Page - NXP Semiconductors ISP1107 Datasheet HTML 8Page - NXP Semiconductors ISP1107 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Philips Semiconductors
ISP1107
Advanced USB transceiver
Objective specification
Rev. 01 — 23 February 2000
4 of 19
9397 750 06899
© Philips Electronics N.V. 2000. All rights reserved.
7.
Functional description
7.1 Function selection
[1]
Signal levels on D
+/D− are determined by other USB devices and external pull-up/down resistors.
[2]
In ‘suspend’ mode (SUSPND = HIGH) the differential receiver is inactive and output RCV is always
LOW. Out-of-suspend (‘K’) signalling is detected via the single-ended receivers VP and VM.
[3]
During suspend, the slew-rate control circuit of low-speed operation is disabled. The D
+/D− are still
driven to their intended states, without slew-rate control. This is permitted because driving during
suspend is used to signal remote wakeup by driving a ‘K’ signal (one transition from idle to ‘K’ state)
for a period of 1 to 15 ms.
GND
8
-
ground supply
VCC(I/O)
9
-
supply voltage for digital I/O pins (1.65 to 3.6 V). Three
voltage levels are supported: 1.8 V
± 0.15 V, 2.5 V ± 0.2 V
and 3.3 V
± 0.3V; when VCC(I/O) is not connected, the D+/D−
pins are in three-state
SPEED
10
I
speed selection input (CMOS level re. VCC(I/O)); adjusts the
slew rate of differential data outputs D
+ and D− according to
the transmission speed:
LOW: low-speed (1.5 Mbit/s)
HIGH: full-speed (12 Mbit/s)
D
−
11
AI/O
negative USB data bus connection (analog, differential); for
low-speed mode connect to pin Vpu(3.3) via a 1.5 kΩ resistor
D
+
12
AI/O
positive USB data bus connection (analog, differential); for
full-speed mode connect to pin Vpu(3.3) via a 1.5 kΩ resistor
VO
13
I
differential driver data input (CMOS level re. VCC(I/O), Schmitt
trigger); see Table 4
FSE0
14
I
differential driver data input (CMOS level re. VCC(I/O), Schmitt
trigger); see Table 4
Vreg(3.3)
15
-
regulated supply voltage output (3.0 to 3.6 V) during 5 V
operation; used as supply voltage input for 3.3 V operation
(3.3 V
± 10%)
VCC(5.0)
16
-
supply voltage for 5 V operation (4.0 to 5.5 V); can be
connected directly to USB supply VBUS; connect this pin to
Vreg(3.3) during 3.3 V operation
Table 2:
Pin description…continued
Symbol
Pin
Type
Description
Table 3:
Function table
SUSPND
OE
D
+/D−
RCV
VP/VM
Function
L
L
driving &
receiving
active
active
normal driving
(differential receiver active)
L
H
receiving [1]
active
active
receiving
H
L
driving
inactive [2]
active
driving during ‘suspend’ [3]
(differential receiver inactive)
H
H
high-Z [1]
inactive [2]
active
low-power state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com