Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB2E22 Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB2E22
Description  TUSB2E22 eUSB2-USB 2.0 Dual Repeater
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB2E22 Datasheet(HTML) 26 Page - Texas Instruments

Back Button TUSB2E22 Datasheet HTML 22Page - Texas Instruments TUSB2E22 Datasheet HTML 23Page - Texas Instruments TUSB2E22 Datasheet HTML 24Page - Texas Instruments TUSB2E22 Datasheet HTML 25Page - Texas Instruments TUSB2E22 Datasheet HTML 26Page - Texas Instruments TUSB2E22 Datasheet HTML 27Page - Texas Instruments TUSB2E22 Datasheet HTML 28Page - Texas Instruments TUSB2E22 Datasheet HTML 29Page - Texas Instruments TUSB2E22 Datasheet HTML 30Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 26 / 30 page
background image
www.ti.com
EXAMPLE STENCIL DESIGN
20X (0.6)
28X (0.25)
24X (0.5)
(3.3)
(3.3)
(0.55) TYP
(0.55) TYP
4X (0.9)
4X (0.9)
(R0.05) TYP
8X (0.575)
4X (R0.12)
VQFN - 1.05 mm max height
RZA0020A
PLASTIC QUAD FLATPACK - NO LEAD
4226858/A 06/2021
NOTES: (continued)
6. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate
design recommendations.
SOLDER PASTE EXAMPLE
BASED ON 0.125 MM THICK STENCIL
SCALE: 20X
EXPOSED PAD 21
81% PRINTED SOLDER COVERAGE BY AREA UNDER PACKAGE
SYMM
SYMM
1
5
6
10
11
15
16
20
21
A
B
C
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com