Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB2E22 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB2E22
Description  TUSB2E22 eUSB2-USB 2.0 Dual Repeater
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB2E22 Datasheet(HTML) 1 Page - Texas Instruments

  TUSB2E22 Datasheet HTML 1Page - Texas Instruments TUSB2E22 Datasheet HTML 2Page - Texas Instruments TUSB2E22 Datasheet HTML 3Page - Texas Instruments TUSB2E22 Datasheet HTML 4Page - Texas Instruments TUSB2E22 Datasheet HTML 5Page - Texas Instruments TUSB2E22 Datasheet HTML 6Page - Texas Instruments TUSB2E22 Datasheet HTML 7Page - Texas Instruments TUSB2E22 Datasheet HTML 8Page - Texas Instruments TUSB2E22 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
TUSB2E22 eUSB2-USB 2.0 Dual Repeater
1 Features
• Compliance to USB 2.0 and eUSB2 (rev 1.1)
• Support for low-speed (LS), full-speed (FS), high-
speed (HS)
• Dual repeater with 2:2 crossbar mux
• Host and device mode (DRD) support
• 4 eUSB2 compensation settings to meet different
system requirements
• eUSB2 LS/FS signaling meets 1.2 V option of the
eUSB2 interface
2 Applications
• Communications equipment
• Enterprise systems
• Notebooks and desktops
• Industrial
• Tablets
• Portable electronics
3 Description
TUSB2E22 enables implementation of USB 2.0
compliance port on newer processors using lower
voltage processes.
TUSB2E22 is a USB-compliant eUSB2-USB 2.0
repeater supporting both device and host modes.
TUSB2E22 supports USB low-speed (LS) and full-
speed (FS) signals and high-speed (HS) signals.
TUSB2E22 is designed to interface with eUSB2
eDSPr or eUSPr operating at 1.2 V single-ended
signaling.
TUSB2E22 has 4 levels of compensation settings
through the EQ0 and EQ1 pins. These settings could
be used to optimize compensation for different eUSB2
channel loss profiles.
Package Information
PART NUMBER
PACKAGE(1)
PACKAGE SIZE(2)
TUSB2E22
YCG (DSBGA, 25)
1.75 mm × 1.75 mm
RZA (VQFN, 20)
3.5 mm × 3.5 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
AP
Repeater
eUSB2 t USB 2.0
Rep eater 0
eUSB2 t USB 2.0
Rep eater 1
eUSB1
eUSB0
Port
Protection
(Optional)
USBB
USBA
USBB
USBA
CROSS
RESETB
Con nector
VDD3V3
VDD1V8
VSS
2x2
Cros sPoin t
Mux
EQ0
EQ1
Simplified Schematic
TUSB2E22
TUSB2E22
SNLS648B – FEBRUARY 2019 – REVISED OCTOBER 2023
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TUSB2E22

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB2E22 TI1-TUSB2E22 Datasheet
583Kb / 26P
TUSB2E22 eUSB2-USB 2.0 Dual Repeater
TUSB2E221 TI1-TUSB2E221 Datasheet
1Mb / 63P
TUSB2E221 USB 2.0-eUSB2 Dual Repeater
JUNE 2024
TUSB2E221 TI-TUSB2E221 Datasheet
1Mb / 65P
TUSB2E221 USB 2.0-eUSB2 Dual Repeater
NOVEMBER 2024
TUSB2E221 TI-TUSB2E221 Datasheet
1Mb / 66P
TUSB2E221 USB 2.0-eUSB2 Dual Repeater
NOVEMBER 2024
TUSB2E221 TI2-TUSB2E221 Datasheet
1Mb / 63P
TUSB2E221 USB 2.0-eUSB2 Dual Repeater
REVISED OCTOBER 2025
More results

Similar Description - TUSB2E22

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
614108247221 WURTH-614108247221 Datasheet
609Kb / 2P
WR-USB 2.0 HORIZONTAL DUAL-WAY USB 2.0
logo
NXP Semiconductors
IP4220CZ6 PHILIPS-IP4220CZ6_15 Datasheet
227Kb / 9P
Dual USB 2.0 integrated ESD protection
Rev. 5-8 July 2011
logo
Wurth Elektronik GmbH &...
614008246521 WURTH-614008246521 Datasheet
498Kb / 1P
DUAL USB 2.0 TYPE A
logo
Tripp Lite. All Rights ...
U042-025 TRIPPLITE-U042-025 Datasheet
175Kb / 2P
USB 2.0 A/B Active Repeater Cable (M/M), 25-ft.
U042-030 TRIPPLITE-U042-030 Datasheet
167Kb / 3P
USB 2.0 A/B Active Repeater Cable (M/M), 30 ft.
U042-036 TRIPPLITE-U042-036 Datasheet
176Kb / 2P
USB 2.0 A/B Active Repeater Cable (M/M), 36-ft.
U026-15M TRIPPLITE-U026-15M Datasheet
169Kb / 3P
USB 2.0 Active Extension Repeater Cable (USB-A M/F), 15 m (49 ft.)
logo
Texas Instruments
TUSB2E22 TI1-TUSB2E22 Datasheet
583Kb / 26P
TUSB2E22 eUSB2-USB 2.0 Dual Repeater
TUSB2E11 TI-TUSB2E11 Datasheet
1Mb / 58P
TUSB2E11 USB 2.0-eUSB2 Repeater
REVISED JUNE 2022
TUSB2E11 TI1-TUSB2E11_V01 Datasheet
1Mb / 58P
TUSB2E11 USB 2.0-eUSB2 Repeater
REVISED AUGUST 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com