Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB2E22 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB2E22
Description  TUSB2E22 eUSB2-USB 2.0 Dual Repeater
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB2E22 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TUSB2E22 Datasheet HTML 2Page - Texas Instruments TUSB2E22 Datasheet HTML 3Page - Texas Instruments TUSB2E22 Datasheet HTML 4Page - Texas Instruments TUSB2E22 Datasheet HTML 5Page - Texas Instruments TUSB2E22 Datasheet HTML 6Page - Texas Instruments TUSB2E22 Datasheet HTML 7Page - Texas Instruments TUSB2E22 Datasheet HTML 8Page - Texas Instruments TUSB2E22 Datasheet HTML 9Page - Texas Instruments TUSB2E22 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
Supply voltage
range
VDD3V3
–0.3
4.32
V
Analog Supply
voltage range
VDD1V8
–0.3
2.1
V
Voltage range
DPA, DNA, DPB, DNB , 1000 total number of short events and
cumulative duration of 1000 hrs.
–0.3
6
V
Voltage range
eDP0, eDN0, eDP1, eDN1
–0.3
1.6
V
Voltage range
CROSS, RESETB, RSVD1, RSVD2, RSVD3, EQ1, EQ0
–0.3
2.1
V
Junction
temperature
TJ(max)
125
°C
Storage
temperature
Tstg
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Rating may cause permanent damage to the device. These are stress
ratings only, which do not imply functional operation of the device at these or any other conditions beyond those indicated
under Recommended Operating Condition. Exposure to absolute-maximum-rated conditions for extended periods may affect device
reliability.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/
JEDEC JS-001, all pins(1)
±1500
V
Charged device model (CDM), per JEDEC
specification JESD22-C101, all pins(2)
±500
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VDD3V3
Supply voltage (VDD3V3)
3.0
3.3
3.6
V
VDD1V8
Analog Supply voltage (VDD1V8)
1.62
1.8
1.98
V
TA
Operating free-air temperature
-20
85
°C
TJ
Junction temperature
-20
105
°C
TCASE
Case temperature
-20
105
°C
TPCB
PCB temperature (1mm away from the device)
-20
92
°C
TUSB2E22
SNLS648B – FEBRUARY 2019 – REVISED OCTOBER 2023
www.ti.com
6
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TUSB2E22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com