Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB2E22 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB2E22
Description  TUSB2E22 eUSB2-USB 2.0 Dual Repeater
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB2E22 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TUSB2E22 Datasheet HTML 9Page - Texas Instruments TUSB2E22 Datasheet HTML 10Page - Texas Instruments TUSB2E22 Datasheet HTML 11Page - Texas Instruments TUSB2E22 Datasheet HTML 12Page - Texas Instruments TUSB2E22 Datasheet HTML 13Page - Texas Instruments TUSB2E22 Datasheet HTML 14Page - Texas Instruments TUSB2E22 Datasheet HTML 15Page - Texas Instruments TUSB2E22 Datasheet HTML 16Page - Texas Instruments TUSB2E22 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
8.3 Feature Description
8.3.1 USB 2.0
TUSB2E22 supports two USB 2.0 ports. Each port supports Low Speed, Full Speed and High Speed operations.
8.3.2 eUSB2
TUSB2E22 supports two eUSB2 ports with 1.2V single ended signaling. Each port support Low Speed, Full
Speed and High Speed operations.
8.3.3 Cross MUX
TUSB2E22 supports a cross mux functionality that can map either of the two eUSB2 ports to the two USB 2.0
ports providing design flexibility.
8.4 Device Functional Modes
8.4.1 Repeater Mode
Upon de-assertion of RESETB and after t_RH_READY , TUSB2E22 will enable and enter default state and be
ready to accept eUSB2 packets.
Table 8-1. Number of Hubs Supported with Host and/or Peripheral Repeater
Number of eUSB2
Repeaters
Number of Hubs
Operating at HS
Number of Hubs
Operating at FS
1
4
2
Number of hubs operating at FS is reduced due to
Te_to_U_DJ1 and TRJR1.
Number of hubs operating at HS is reduced due to
SOP truncation and EOP dribble
2
3
1
0
5
5
non-eUSB2 system for reference
8.4.2 Power Down Mode
RESETB could be used as a power down pin when asserted low. Power down mode will put TUSB2E22 in
lowest power mode.
8.4.3 CROSS
CROSS pin will control the orientation of the integrated cross bar mux.
Upon de-assertion of RESETB followed by internally generated reset signal and 1ms delay, CROSS pin is
sampled and latched.
The system needs to make sure that CROSS meets t_su_CROSS and t_hd_CROSS with respect to power supply
ramp and RESETB de-assertion per Section 9.3.
Changes to the state of the CROSS input while RESETB is high will be ignored.
Table 8-2. eUSB2 to USB Mapping
CROSS = 0
CROSS = 1
eUSB0 (eDP0, eDN0)
USBA (DPA, DNA)
USBB (DPB, DNB)
eUSB1 (eDP1, eDN1)
USBB (DPB, DNB)
USBA (DPA, DNA)
www.ti.com
TUSB2E22
SNLS648B – FEBRUARY 2019 – REVISED OCTOBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TUSB2E22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com