Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB2E22 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB2E22
Description  TUSB2E22 eUSB2-USB 2.0 Dual Repeater
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB2E22 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TUSB2E22 Datasheet HTML 5Page - Texas Instruments TUSB2E22 Datasheet HTML 6Page - Texas Instruments TUSB2E22 Datasheet HTML 7Page - Texas Instruments TUSB2E22 Datasheet HTML 8Page - Texas Instruments TUSB2E22 Datasheet HTML 9Page - Texas Instruments TUSB2E22 Datasheet HTML 10Page - Texas Instruments TUSB2E22 Datasheet HTML 11Page - Texas Instruments TUSB2E22 Datasheet HTML 12Page - Texas Instruments TUSB2E22 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
6.5 Electrical Characteristics (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VRX_CM
Receive DC common mode range (low)
eUSB2 Specification Section 7.1.2
(normative), low DC common mode RX
must tolerate
120
mV
VRX_CM
Receive DC common mode range (high)
eUSB2 Specification Section 7.1.2
(normative), high DC common mode RX
must tolerate
280
mV
VCM_RX_AC
Receiver AC common mode
(50MHz-480MHz)
eUSB2 Specification Section 7.1.2
(informative), across the DC common
mode range of 120 mV to 280 mV.
(RX capability tested with intentional TX
Rise/Fall Time mismatch and prop delay
mismatch)
–60
60
mV
CRX_CM
Receive center-tapped capacitance
eUSB2 Specification Section 7.1.2
(informative)
15
50
pF
VRX_DIF_SENS
Receive differential sensitivity, RX
should be able to receive less than this
value.
eUSB2 Specification Section 7.1.2, VCM
= 120 mV to 450 mV
120
mVp-p
eUSB0, eUSB1 HS OUTPUT LEVELS
VETX_CM_AC
Transmit CM AC (50MHz-480MHz)
eUSB2 Specification Section 7.1.1, An
ideal 80 Ω Rx differential termination
and center tap cap of 15pF, with
maximum DC common mode range
–30
30
mV
VEHSOD
Transmit differential (terminated)
Measured p2p, RL = 80 Ω, ideal 80 Ω Rx
differential termination load
400
mV
VE_TX_CM
Transmit DC common mode
eUSB2 Specification Section 7.1.1
170
230
mV
6.6 Switching Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DPA, DNA, DPB, DNB, FS Driver Switching Characteristics
TFR
Rise Time (10% - 90%)
USB 2.0 Specification Figure 7-8; Figure
7-9
4
20
ns
TFF
Fall Time (10% - 90%)
USB 2.0 Specification Figure 7-8; Figure
7-9
4
20
ns
TFRFM
(TFR/TFM)
USB 2.0 Specification 7.1.2, Excluding
the first transition from the Idle state
90
111.1
%
DPA, DNA, DPB , DNB, LS Driver Switching Characteristics
TLR
Rise Time (10% - 90%)
USB 2.0 Specification Figure 7-8
75
300
ns
TLF
Fall Time (10% - 90%)
USB 2.0 Specification Figure 7-8
75
300
ns
eDP0, eDN0, eDP1, eDN1, HS Driver Switching Characteristics
TEHSRF_M
M
Transmit rise/fall mismatch
eUSB2 Specification Section 7.2.1,
Rise/fall mismatch = absolute delta of
(rise – fall time) / (average of rise and fall
time).
25
%
eDP0, eDN0, eDP1, eDN1, LS/FS Driver Switching Characteristics
TERF
Rise/Fall Time (10% - 90%)
eUSB2 Specification Section 7.2.1
2
6
ns
TERF_MM Transmit rise/fall mismatch
eUSB2 Specification Section 7.2.1
25
%
www.ti.com
TUSB2E22
SNLS648B – FEBRUARY 2019 – REVISED OCTOBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: TUSB2E22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com