Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA2423U-R Datasheet(PDF) 3 Page - SiGe Semiconductor, Inc.

Part # PA2423U-R
Description  RangeChargerTM 2.4 GHz Bluetoothtm Power Amplifier IC Preliminary
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIGE [SiGe Semiconductor, Inc.]
Direct Link  http://www.sige.com
Logo SIGE - SiGe Semiconductor, Inc.

PA2423U-R Datasheet(HTML) 3 Page - SiGe Semiconductor, Inc.

  PA2423U-R Datasheet HTML 1Page - SiGe Semiconductor, Inc. PA2423U-R Datasheet HTML 2Page - SiGe Semiconductor, Inc. PA2423U-R Datasheet HTML 3Page - SiGe Semiconductor, Inc. PA2423U-R Datasheet HTML 4Page - SiGe Semiconductor, Inc. PA2423U-R Datasheet HTML 5Page - SiGe Semiconductor, Inc. PA2423U-R Datasheet HTML 6Page - SiGe Semiconductor, Inc. PA2423U-R Datasheet HTML 7Page - SiGe Semiconductor, Inc. PA2423U-R Datasheet HTML 8Page - SiGe Semiconductor, Inc. PA2423U-R Datasheet HTML 9Page - SiGe Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
PA2423U
RangeCharger
TM 2.4 GHz Bluetoothtm Power Amplifier IC
Preliminary
131-DST-01 Rev 1.1 Apr-18-2006
Confidential
3 of 10
QA041806
Absolute Maximum Ratings
Operation in excess of any one of above Absolute Maximum Ratings may result in permanent damage. This device is
ESD sensitive. Handling and assembly of this device should be at ESD protected workstations.
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply Voltage
-0.3
+3.6
V
VCTL
Control Voltage
-0.3
VCC
V
VRAMP
Ramping Voltage
-0.3
VCC
V
IN
RF Input Power
-
+8
dBm
TA
Operating Temperature Range
-40
+85
°C
TSTG
Storage Temperature Range
-40
+150
°C
Tj
Maximum Junction Temperature
-
+150
°C
DC Electrical Characteristics
Conditions: VCC0 = VCC1 = VCC2 = VRAMP = VCTL = 3.3 V, PIN = 0 dBm, TA = 25
°C, f = 2.45 GHz, input and output
externally matched to 50Ω unless otherwise noted.
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
2.7
3.3
3.6
V
ICC
Supply Current (ICC = IVCC0 + IVCC1 + IVCC2),
VCTL = 3.3 V, POUT_MAX ≤ 22.5 dBm
-
135
160
mA
∆IccTEMP
Supply Current variation over temperature
from TA = 25
°C
(-40
°C < TA < +85 °C)
-
25
-
%
VCTL
PA Output Power Control Voltage Range
0
-
VCC
V
ICTL
Current sunk by VCTL pin
-
200
250
µA
Logic High Voltage
2.0
-
-
V
VRAMP
Logic Low Voltage
-
-
0.8
V
Istdby
Leakage Current when VRAMP = 0 V, No RF,
VCTL = high
-
0.5
10
µA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com