Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA2423U-R Datasheet(PDF) 4 Page - SiGe Semiconductor, Inc.

Part # PA2423U-R
Description  RangeChargerTM 2.4 GHz Bluetoothtm Power Amplifier IC Preliminary
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIGE [SiGe Semiconductor, Inc.]
Direct Link  http://www.sige.com
Logo SIGE - SiGe Semiconductor, Inc.

PA2423U-R Datasheet(HTML) 4 Page - SiGe Semiconductor, Inc.

  PA2423U-R Datasheet HTML 1Page - SiGe Semiconductor, Inc. PA2423U-R Datasheet HTML 2Page - SiGe Semiconductor, Inc. PA2423U-R Datasheet HTML 3Page - SiGe Semiconductor, Inc. PA2423U-R Datasheet HTML 4Page - SiGe Semiconductor, Inc. PA2423U-R Datasheet HTML 5Page - SiGe Semiconductor, Inc. PA2423U-R Datasheet HTML 6Page - SiGe Semiconductor, Inc. PA2423U-R Datasheet HTML 7Page - SiGe Semiconductor, Inc. PA2423U-R Datasheet HTML 8Page - SiGe Semiconductor, Inc. PA2423U-R Datasheet HTML 9Page - SiGe Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
PA2423U
RangeCharger
TM 2.4 GHz Bluetoothtm Power Amplifier IC
Preliminary
131-DST-01 Rev 1.1 Apr-18-2006
Confidential
4 of 10
QA041806
AC Electrical Characteristics
Conditions: VCC0 = VCC1 = VCC2 = VRAMP = VCTL = 3.3 V, PIN = 0 dBm TA = 25
°C, f = 2.45 GHz, input and output
externally matched to 50Ω unless otherwise noted.
Symbol
Parameter
Min.
Typ.
Max.
Unit
fL-U
Frequency Range
2400
-
2500
MHz
POUT_MAX
Output Power @ VCTL = 3.3 V
20.0
22.5
-
dBm
POUT_MIN
Output Power @ VCTL = 0.4 V
-
-20
0
dBm
∆P
temp
Output Power variation over temperature
(-40
°C < TA <+85 °C)
-
1
2
dB
dPOUT /d
VCTL
Control Voltage Sensitivity
-
-
120
dBm/V
GSS
Gain @ PIN = -25 dBm
25.5
28.5
-
dB
GVAR
Gain Variation over band (2400-2500 MHz)
-
0.2
1.0
dB
2f
-
-45
-30
3f,
Harmonics
-
-40
-35
dBc
IS21IOFF
Isolation in “OFF” State, VRAMP = 0 V
15
36
-
dB
IS12I
Reverse Isolation
32
42
-
dB
STAB
Stability (PIN = 0 dBm, Load VSWR = 6:1)
All non-harmonically related outputs less than
-50 dBc



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com