Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA2423U-R Datasheet(PDF) 1 Page - SiGe Semiconductor, Inc.

Part # PA2423U-R
Description  RangeChargerTM 2.4 GHz Bluetoothtm Power Amplifier IC Preliminary
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIGE [SiGe Semiconductor, Inc.]
Direct Link  http://www.sige.com
Logo SIGE - SiGe Semiconductor, Inc.

PA2423U-R Datasheet(HTML) 1 Page - SiGe Semiconductor, Inc.

  PA2423U-R Datasheet HTML 1Page - SiGe Semiconductor, Inc. PA2423U-R Datasheet HTML 2Page - SiGe Semiconductor, Inc. PA2423U-R Datasheet HTML 3Page - SiGe Semiconductor, Inc. PA2423U-R Datasheet HTML 4Page - SiGe Semiconductor, Inc. PA2423U-R Datasheet HTML 5Page - SiGe Semiconductor, Inc. PA2423U-R Datasheet HTML 6Page - SiGe Semiconductor, Inc. PA2423U-R Datasheet HTML 7Page - SiGe Semiconductor, Inc. PA2423U-R Datasheet HTML 8Page - SiGe Semiconductor, Inc. PA2423U-R Datasheet HTML 9Page - SiGe Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
PA2423U
RangeCharger
TM 2.4 GHz Bluetoothtm Power Amplifier IC
Preliminary
131-DST-01 Rev 1.1 Apr-18-2006
Confidential
1 of 10
QA041806
Applications
Bluetooth
tm wireless technology (Class 1)
USB dongles
PCMCIA, flash cards
Access points
2.4 GHz cordless telephone
Features
+22.5 dBm Output Power
Low current 108 mA typical @ POUT = +20 dBm
CMOS Enable Interface
Power-control and power-down modes
3.3 V single supply operation
Thin, lead-free 6 pin QFN package
Ordering Information
Part Number
Package
Remark
PA2423U
6 pin QFN
(0.5 mm height)
Samples
PA2423U-R
6 pin QFN
(0.5 mm height)
Tape &
Reel
PA2423U-EV1
Evaluation Kit
Product Description
A monolithic, high-efficiency, silicon-germanium power
amplifier IC, the PA2423U is designed for 2.4 GHz
wireless applications, including Bluetooth
TM Class1 and
2.4 GHz cordless telephone applications. It delivers
+22.5 dBm output power making it capable of
overcoming insertion losses of up to 2.5 dB between
amplifier output and antenna input.
The PA2423U provides a digital control input for
controlling power up and power down modes of
operation.
The PA2423U operates at 3.3 V DC. At typical output
power level (+22.5 dBm), the current consumption is
135 mA.
The
silicon/silicon-germanium
structure
of
the
PA2423U, and its exposed die-pad package, soldered
to the system PCB, provide high thermal conductivity
and a subsequently low junction temperature. This
device is capable of operating at a duty cycle of 100
percent. The device is pin for pin compatible to the
PA2423L.
Functional Block Diagram
Stage 1
Stage 2
Interstage
Match
Bias Generator
Control
Circuitry
V CT L
V CC0
V RA MP
OUT/V CC2
V CC1
GND
GND
IN
Figure 1: PA2423U Block Diagram


Similar Part No. - PA2423U-R

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
PA2423U-R SIGE-PA2423U-R Datasheet
143Kb / 8P
RangeChargerTM 2.4 GHz BluetoothTM Power Amplifier Evaluation Kit
More results

Similar Description - PA2423U-R

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
PA2423G SIGE-PA2423G Datasheet
388Kb / 9P
2.4 GHz Bluetooth Class 1 Power Amplifier IC Preliminary Information
PA2423L SIGE-PA2423L Datasheet
367Kb / 11P
2.4 GHz Bluetooth Class 1 Power Amplifier IC Preliminary Information
SE2522L SIGE-SE2522L Datasheet
378Kb / 8P
RangeCharger??2.4 GHz Power Amplifier And Power Detector IC Preliminary Information
PA2423L-EK1 SIGE-PA2423L-EK1 Datasheet
132Kb / 8P
RangeChargerTM 2.4 GHz BluetoothTM Power Amplifier Evaluation Kit
PA2423U-EK1 SIGE-PA2423U-EK1 Datasheet
143Kb / 8P
RangeChargerTM 2.4 GHz BluetoothTM Power Amplifier Evaluation Kit
SE2425U SIGE-SE2425U Datasheet
225Kb / 10P
RangeChargerTM 2.4 GHz Bluetooth Power Amplifier IC Preliminary Information
SE2527L SIGE-SE2527L Datasheet
59Kb / 2P
2.4 GHz Power Amplifier with Power Detector Preliminary Information
SE2523BU SIGE-SE2523BU Datasheet
64Kb / 2P
2.4 GHz Power Amplifier with Power Detector Preliminary
SE2590L SIGE-SE2590L Datasheet
76Kb / 2P
2.4 GHz Power Amplifier with Power Detector Preliminary Information
SE2565T SIGE-SE2565T Datasheet
129Kb / 2P
2.4 GHz High Power Wireless LAN Power Amplifier Preliminary
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com