Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA2423U-R Datasheet(PDF) 9 Page - SiGe Semiconductor, Inc.

Part # PA2423U-R
Description  RangeChargerTM 2.4 GHz Bluetoothtm Power Amplifier IC Preliminary
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIGE [SiGe Semiconductor, Inc.]
Direct Link  http://www.sige.com
Logo SIGE - SiGe Semiconductor, Inc.

PA2423U-R Datasheet(HTML) 9 Page - SiGe Semiconductor, Inc.

Back Button PA2423U-R Datasheet HTML 2Page - SiGe Semiconductor, Inc. PA2423U-R Datasheet HTML 3Page - SiGe Semiconductor, Inc. PA2423U-R Datasheet HTML 4Page - SiGe Semiconductor, Inc. PA2423U-R Datasheet HTML 5Page - SiGe Semiconductor, Inc. PA2423U-R Datasheet HTML 6Page - SiGe Semiconductor, Inc. PA2423U-R Datasheet HTML 7Page - SiGe Semiconductor, Inc. PA2423U-R Datasheet HTML 8Page - SiGe Semiconductor, Inc. PA2423U-R Datasheet HTML 9Page - SiGe Semiconductor, Inc. PA2423U-R Datasheet HTML 10Page - SiGe Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
PA2423U
RangeCharger
TM 2.4 GHz Bluetoothtm Power Amplifier IC
Preliminary
131-DST-01 Rev 1.1 Apr-18-2006
Confidential
9 of 10
QA041806
Applications Information
For test and design purposes, SiGe Semiconductor offers an evaluation board for the PA2423U. The order part
number for the evaluation board is PA2423U-EV1. The evaluation board is intended to simplify the testing with
respect to RF performance of this power amplifier.
The application note, 131-DST-02 provides the supporting information for using the evaluation board. It contains
information on the schematic, bill of materials and recommended layout for the power amplifier and the input and
output matching networks. To assist in the design process, this layout is available, upon request, in gerber file format.
Using VRAMP
VRAMP is a digital pin used to power-up and power-down the PA2423U in time division duplex systems such as
Bluetooth
TM 1.1. During receive mode, VRAMP voltage is pulled down, PA2423U acts as a 35 dB isolation block
between the radio and the antenna while consuming a modest 1 µA. In transmit mode, VRAMP voltage is pulled to VCC
and PA2423U offers 19 dB to 21 dB of large signal gain.
Using VCTL
VCTL is an analog pin that is designed to control the gain of PA2423U. Applying a voltage between 0 V and VCC will
adjust the gain between -15 dB and 21 dB. Used in combination with a variable drive level to PA2423U, the VCTL
function can greatly optimize the PAE of the system at all four Bluetooth
TM transmitted power levels.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com