Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA2423U-R Datasheet(PDF) 6 Page - SiGe Semiconductor, Inc.

Part # PA2423U-R
Description  RangeChargerTM 2.4 GHz Bluetoothtm Power Amplifier IC Preliminary
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIGE [SiGe Semiconductor, Inc.]
Direct Link  http://www.sige.com
Logo SIGE - SiGe Semiconductor, Inc.

PA2423U-R Datasheet(HTML) 6 Page - SiGe Semiconductor, Inc.

Back Button PA2423U-R Datasheet HTML 2Page - SiGe Semiconductor, Inc. PA2423U-R Datasheet HTML 3Page - SiGe Semiconductor, Inc. PA2423U-R Datasheet HTML 4Page - SiGe Semiconductor, Inc. PA2423U-R Datasheet HTML 5Page - SiGe Semiconductor, Inc. PA2423U-R Datasheet HTML 6Page - SiGe Semiconductor, Inc. PA2423U-R Datasheet HTML 7Page - SiGe Semiconductor, Inc. PA2423U-R Datasheet HTML 8Page - SiGe Semiconductor, Inc. PA2423U-R Datasheet HTML 9Page - SiGe Semiconductor, Inc. PA2423U-R Datasheet HTML 10Page - SiGe Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
PA2423U
RangeCharger
TM 2.4 GHz Bluetoothtm Power Amplifier IC
Preliminary
131-DST-01 Rev 1.1 Apr-18-2006
Confidential
6 of 10
QA041806
Typical Performance Characteristics (Continued)
2Fo Harmonic vs POUT over VCC (2.45 GHz)
-70
-65
-60
-55
-50
-45
-40
-35
-30
15
16
17
18
19
20
21
22
23
24
25
POUT (dBm)
3.3 V
2.7 V
3.6 V
3Fo Harmonic vs. POUT over VCC (2.45 GHz)
-65
-60
-55
-50
-45
-40
-35
15
16
17
18
19
20
21
22
23
24
25
POUT (dBm)
3.3 V
2.7 V
3.6 V
Figure 4: PA2423U Typical Performance Characteristics (Continued)
Application Circuit
Figure 5 is a representation of the PA2423U application circuit. For a detailed schematic and layout, refer to SiGe’s
PA2523U-EK1 Evaluation Kit Data Sheet (Document Number: 131-DST-02).
1
2
5
4
V CTL
V CC1
V RAMP
V CC0
Input
Match
From
Transceiver
Interstage
V CC
(3.3V)
Output
Match
To
Antenna
2423U
LotCode
VCC
(3.3V)
FromBB/TransceiverorTietoVCC(3.3V)
FromBB/Transceiver
Figure 5: PA2423U Application Circuit
Branding Information
Figure 6 shows the branding for the PA2423U, including the Pin 1 location relative to the branding.
2423U
Lot Code
PartNumber
Pin 1
Lot Code
Figure 6: PA2423U Branding Information



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com