Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8541ARTZ Datasheet(PDF) 2 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # AD8541ARTZ
Description  1.1MHz, 85μA, CMOS, RRIO Operational Amplifiers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

AD8541ARTZ Datasheet(HTML) 2 Page - Guangdong Youtai Semiconductor Co., Ltd.

  AD8541ARTZ Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. AD8541ARTZ Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. AD8541ARTZ Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. AD8541ARTZ Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. AD8541ARTZ Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. AD8541ARTZ Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd. AD8541ARTZ Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd. AD8541ARTZ Datasheet HTML 8Page - Guangdong Youtai Semiconductor Co., Ltd. AD8541ARTZ Datasheet HTML 9Page - Guangdong Youtai Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Symbol
Description
-IN
Negative (inverting) input
+IN
Positive (noninverting) input.
-INA, -INB
-INC, -IND
Inverting Input of the Amplifier. The voltage range can go from (VS– – 0.2V) to (VS+ +
0.2V).
+INA, +INB
+INC, +IND
Non-Inverting Input of Amplifier. This pin has the same voltage range as -IN.
+VS
Positive Power Supply. The voltage is from 2.3V to 5.5V. Split supplies are possible as
long as the voltage between VS+ and VS– is between 2.3V and 5.5V. A bypass capacitor
of 0.1μF as close to the part as possible should be used between power supply pins or
between supply pins and ground.
-VS
Negative Power Supply. It is normally tied to ground. It can also be tied to a voltage
other than ground as long as the voltage between VS+ and VS– is from 2.7V to 5.5V. If it
is not connected to ground, bypass it with a capacitor of 0.1μF as close to the part as
possible.
OUTA, OUTB
OUTC, OUTD
The output of the Amplifier.
OUT
Output.
NC
No Connection.
1.1MHz, 85µA, CMOS, RRIO Operational Amplifiers
UMW
AD8541,AD8542,AD8544
R
www.umw-ic.com
2
UTD Semiconductor Co.,Limited



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com