Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8541ARTZ Datasheet(PDF) 9 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # AD8541ARTZ
Description  1.1MHz, 85μA, CMOS, RRIO Operational Amplifiers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

AD8541ARTZ Datasheet(HTML) 9 Page - Guangdong Youtai Semiconductor Co., Ltd.

Back Button AD8541ARTZ Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. AD8541ARTZ Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd. AD8541ARTZ Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd. AD8541ARTZ Datasheet HTML 8Page - Guangdong Youtai Semiconductor Co., Ltd. AD8541ARTZ Datasheet HTML 9Page - Guangdong Youtai Semiconductor Co., Ltd. AD8541ARTZ Datasheet HTML 10Page - Guangdong Youtai Semiconductor Co., Ltd. AD8541ARTZ Datasheet HTML 11Page - Guangdong Youtai Semiconductor Co., Ltd. AD8541ARTZ Datasheet HTML 12Page - Guangdong Youtai Semiconductor Co., Ltd. AD8541ARTZ Datasheet HTML 13Page - Guangdong Youtai Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Application Notes
GROUND SENSING AND RAIL TO RAIL
The input common-mode voltage range of the AD854xA series extends 200mV beyond
the supply rails. This is achieved with a complementary input stage—an N-channel input
differential pair in parallel with a P-channel differential pair. For normal operation, inputs
should be limited to this range. The absolute maximum input voltage is 400mV beyond the
supplies. Inputs greater than the input common-mode range but less than the maximum input
voltage, while not valid, will not cause any damage to the op-amp. Unlike some other op-
amps, if input current is limited, the inputs may go beyond the supplies without phase
inversion, as shown in Figure 2. Since the input common-mode range extends from (VS− −
0.2V) to (VS+ + 0.2V), the AD854xA op-amps can easily perform ‘true ground’ sensing.
Figure 2 No Phase Inversion with Inputs Greater Than the Power-Supply Voltage
A topology of class AB output stage with common-source transistors is used to achieve
rail-to-rail output. For light resistive loads (e.g.100kΩ), the output voltage can typically swing
to within 5mV from the supply rails. With moderate resistive loads (e.g.10kΩ), the output can
typically swing to within 10mV from the supply rails and maintain high open-loop gain.
The maximum output current is a function of total supply voltage. As the supply voltage
to the amplifier increases, the output current capability also increases. Attention must be paid
to keep the junction temperature of the IC below 150℃ when the output is in continuous
short-circuit. The output of the amplifier has reverse-biased ESD diodes connected to each
supply. The output should not be forced more than 0.5V beyond either supply, otherwise
current will flow through these diodes.
CAPACITIVE LOAD AND STABILITY
The AD854xA can directly drive 1nF in unity-gain without oscillation. The unity-gain
follower is the most sensitive configuration to capacitive loading. Direct capacitive loading
reduces the phase margin of amplifiers and this results in ringing or capacitive loading
reduces the phase margin of amplifiers and this results in ringing or even oscillation.
Applications that require greater capacitive drive capability should use an isolation resistor
1.1MHz, 85µA, CMOS, RRIO Operational Amplifiers
UMW
AD8541,AD8542,AD8544
R
www.umw-ic.com
9
UTD Semiconductor Co.,Limited



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com