Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8541ARTZ Datasheet(PDF) 5 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # AD8541ARTZ
Description  1.1MHz, 85μA, CMOS, RRIO Operational Amplifiers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

AD8541ARTZ Datasheet(HTML) 5 Page - Guangdong Youtai Semiconductor Co., Ltd.

  AD8541ARTZ Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. AD8541ARTZ Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. AD8541ARTZ Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. AD8541ARTZ Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. AD8541ARTZ Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. AD8541ARTZ Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd. AD8541ARTZ Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd. AD8541ARTZ Datasheet HTML 8Page - Guangdong Youtai Semiconductor Co., Ltd. AD8541ARTZ Datasheet HTML 9Page - Guangdong Youtai Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Electrical Characteristics
VS = 5.0V, TA = +25℃, VCM = VS /2, VO = VS/2, and RL = 10kΩ connected to VS/2, unless otherwise noted.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
tS
Settling time
To 0.1%, G = +1, 2V step
4.5
μs
To 0.01%, G = +1, 2V step
5.5
THD+N
Total harmonic
distortion+Noise
f = 1kHz, G = +1, VO=3VPP
0.002
%
NOISE PERFORMANCE
Vn
Input voltage noise
f = 0.1 to 10 Hz
12
μVP-P
en
Input voltage noise density
f = 1kHz
35
nV/√Hz
In
Input current noise density
f = 10kHz
4
fA/√Hz
POWER SUPPLY
VS
Operating supply voltage
2.3
5.5
V
PSRR
Power supply rejection ratio
VS = 2.7V to 5.5V,
VCM < VS+ − 2V
105
dB
Over temperature
90
IQ
Quiescent current
(per amplifier)
85
μA
Over temperature
90
THERMAL CHARACTERISTICS
TA
Operating temperature
range
-40
+125
℃
θJA
Thermal resistance
SC70-5
333
℃/W
SOT23-5
190
MSOP-8
216
SOP-8
125
TSSOP-14
112
SOP-14
115
Specifications subject to changes without notice
1.1MHz, 85µA, CMOS, RRIO Operational Amplifiers
UMW
AD8541,AD8542,AD8544
R
www.umw-ic.com
5
UTD Semiconductor Co.,Limited
6
153
TSSSOP-8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com