Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8541ARTZ Datasheet(PDF) 1 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # AD8541ARTZ
Description  1.1MHz, 85μA, CMOS, RRIO Operational Amplifiers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

AD8541ARTZ Datasheet(HTML) 1 Page - Guangdong Youtai Semiconductor Co., Ltd.

  AD8541ARTZ Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. AD8541ARTZ Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. AD8541ARTZ Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. AD8541ARTZ Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. AD8541ARTZ Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. AD8541ARTZ Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd. AD8541ARTZ Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd. AD8541ARTZ Datasheet HTML 8Page - Guangdong Youtai Semiconductor Co., Ltd. AD8541ARTZ Datasheet HTML 9Page - Guangdong Youtai Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1.1MHz, 85µA, CMOS, RRIO Operational Amplifiers
General Description
The AD8541 (single), AD8542 (dual) and
AD8544 (quad) are low voltage micro power
CMOS voltage feedback operational amplifiers.
With an excellent bandwidth of 1.1MHz, a slew
rate of 0.8V/μs, and a quiescent current of 85μA
per amplifier at 5V, the AD854xA family can be
designed into a wide range of applications.
The AD854x op-amps are specifically
designed for general-purpose applications with
optimal performance. They have a wide input
common-mode voltage range and output voltage
swing, and the maximum input offset voltage are
3.5mV. These parts provide rail-to-rail output
swing into heavy loads. The AD854x family is
specified for single or dual power supplies of
+2.3V to +5.5V. All models are specified over
the extended industrial temperature range of
−40℃ to +125℃.
The AD8541 is available in 5-lead SC70
and SOT-23, and 8-lead SOP packages. The
AD8542 is available in 8-lead MSOP and
SOP packages. The AD8544 is available in 14-
lead TSSOP and SOP packages.
Features
High Gains of >100 dB for Active Filters
and Gain Stages
Low Offset Voltage: 3.5 mV Maximum
with 2 μV/℃ Low Drift
Gain-Bandwidth Product: 1.1 MHz
High Slew Rate: 0.8 V/μs
Low Power: 85 μA per Amplifier Supply
Current
Settling Time to 0.1% with 2V Step: 4.5 μs
Unit Gain Stable
Very Low Input Bias Current: 1 pA
Rail-to-Rail Input and Output
Input Voltage Range: -0.2V to
+5.2V at 5V Supply
Operating Power Supply: +2.3V to +5.5V
Operating Temperature Range: -40℃ to
+125℃
ESD Rating: HBM-4kV,CDM-2kV
Applications
Smoke/Gas/Environment Sensors
Audio Outputs
Active Filters&ASIC Input or Output
Amplifier
Sensor Interfaces & Portable Equipment
UMW
AD8541,AD8542,AD8544
R
www.umw-ic.com
1
UTD Semiconductor Co.,Limited


Similar Part No. - AD8541ARTZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8541ARTZ-R2 AD-AD8541ARTZ-R2 Datasheet
430Kb / 20P
General-Purpose CMOS Rail-to-Rail Amplifiers
1/07-Rev. D to Rev. E
AD8541ARTZ-R2 AD-AD8541ARTZ-R2 Datasheet
443Kb / 20P
General-Purpose CMOS Rail-to-Rail Amplifiers
Rev. F
AD8541ARTZ-R2 AD-AD8541ARTZ-R2 Datasheet
315Kb / 20P
CMOS Rail-to-Rail General-Purpose ifiers
Rev. G
AD8541ARTZ-REEL AD-AD8541ARTZ-REEL Datasheet
232Kb / 16P
General Purpose CMOS Rail-to-Rail Amplifiers
8/04-Data Sheet changed from REV. C to REV. D.
AD8541ARTZ-REEL AD-AD8541ARTZ-REEL Datasheet
430Kb / 20P
General-Purpose CMOS Rail-to-Rail Amplifiers
1/07-Rev. D to Rev. E
More results

Similar Description - AD8541ARTZ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV931 NSC-LMV931 Datasheet
625Kb / 19P
1.8V, RRIO Operational Amplifiers
logo
Analog Devices
OP196GSZ-REEL7 AD-OP196GSZ-REEL7 Datasheet
2Mb / 19P
Micropower RRIO Operational Amplifiers
REV. E
OP196 AD-OP196_15 Datasheet
2Mb / 19P
Micropower RRIO Operational Amplifiers
Rev. E
OP296 AD-OP296_15 Datasheet
2Mb / 19P
Micropower RRIO Operational Amplifiers
Rev. E
OP496 AD-OP496_15 Datasheet
2Mb / 19P
Micropower RRIO Operational Amplifiers
Rev. E
logo
Texas Instruments
LMV841 TI-LMV841_15 Datasheet
1Mb / 38P
CMOS Input, RRIO, Wide Supply Range Operational Amplifiers
logo
Shenzhen Huazhimei Semi...
HM721 HMSEMI-HM721 Datasheet
2Mb / 13P
12MHz, High Slew Rate, RRIO CMOS Operational Amplifiers
logo
Texas Instruments
TLV9062-Q1 TI1-TLV9062-Q1 Datasheet
1Mb / 30P
Automotive 10-MHz, RRIO, CMOS Operational Amplifiers
logo
Shenzhen Huazhimei Semi...
HM8521 HMSEMI-HM8521 Datasheet
1Mb / 12P
3.4關A, 90kHz, RRIO CMOS Operational Amplifiers
logo
Guangdong Youtai Semico...
AD8631 UMW-AD8631 Datasheet
1Mb / 15P
480μA, 6.5MHz, RRIO CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com