Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8541ARTZ Datasheet(PDF) 4 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # AD8541ARTZ
Description  1.1MHz, 85μA, CMOS, RRIO Operational Amplifiers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

AD8541ARTZ Datasheet(HTML) 4 Page - Guangdong Youtai Semiconductor Co., Ltd.

  AD8541ARTZ Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. AD8541ARTZ Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. AD8541ARTZ Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. AD8541ARTZ Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. AD8541ARTZ Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. AD8541ARTZ Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd. AD8541ARTZ Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd. AD8541ARTZ Datasheet HTML 8Page - Guangdong Youtai Semiconductor Co., Ltd. AD8541ARTZ Datasheet HTML 9Page - Guangdong Youtai Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Electrical Characteristics
VS = 5.0V, TA = +25℃, VCM = VS/2, VO = VS/2, and RL = 10kΩ connected to VS/2, unless otherwise noted.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
INPUT CHARACTERISTICS
VOS
Input offset voltage
-3.5
±0.5
+3.5
mV
Over temperature
-4
+4
VOS TC
Offset voltage drift
Over Temperature
2
μV/℃
IB
Input bias current
1
pA
Over temperature
500
IOS
Input offset current
1
VCM
Common-mode voltage
range
VS––0.2
VS++0.2
V
CMRR
Common-mode rejection
ratio
VCM = 0.05 V to 3.5 V
95
dB
Over temperature
85
VCM = VS––0.1 to VS++0.1 V
80
AVOL
Open-loop voltage gain
VO = 0.05 to 3.5 V
115
Over temperature
100
RIN
Input resistance
100
GΩ
CIN
Input capacitance
Differential
2.0
pF
Common mode
3.5
OUTPUT CHARACTERISTICS
VOH
High output voltage swing
VS+–7
mV
VOL
Low output voltage swing
7
mV
ZOUT
Closed-loop output
impedance
f = 200kHz, G = +1
0.4
Ω
Open-loop output
impedance
f = 1MHz, IO = 0
2.6
ISC
Short-circuit current
Source current through 10Ω
40
mA
Sink current through 10Ω
40
DYNAMIC PERFORMANCE
GBW
Gain bandwidth product
f = 1kHz
1.1
MHz
ΦM
Phase margin
CL = 100pF
60
°
SR
Slew rate
G = +1, CL = 100pF,
VO = 1.5V to 3.5V
0.8
V/μs
1.1MHz, 85µA, CMOS, RRIO Operational Amplifiers
UMW
AD8541,AD8542,AD8544
R
www.umw-ic.com
4
UTD Semiconductor Co.,Limited



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com