Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTY81-252 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # KTY81-252
Description  Silicon temperature sensors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

KTY81-252 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button KTY81-252 Datasheet HTML 4Page - NXP Semiconductors KTY81-252 Datasheet HTML 5Page - NXP Semiconductors KTY81-252 Datasheet HTML 6Page - NXP Semiconductors KTY81-252 Datasheet HTML 7Page - NXP Semiconductors KTY81-252 Datasheet HTML 8Page - NXP Semiconductors KTY81-252 Datasheet HTML 9Page - NXP Semiconductors KTY81-252 Datasheet HTML 10Page - NXP Semiconductors KTY81-252 Datasheet HTML 11Page - NXP Semiconductors KTY81-252 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
1998 Mar 26
8
Philips Semiconductors
Product specification
Silicon temperature sensors
KTY81-2 series
Fig.2 Maximum expected temperature error (
∆T).
handbook, halfpage
−50
150
15
5
−15
−5
10
0
−10
0
50
100
MGG695
Tamb (°C)
∆T
(K)
KTY81-251
-252
KTY81-220
KTY81-210
-221
-222
Fig.3
Sensor resistance as a function of ambient
temperature; average values.
Icont = 1 mA.
handbook, halfpage
4.8
0
−100
−50
0
R
(k
Ω)
Tamb (°C)
50
100
150
200
MSA922
3.2
1.6
Fig.4
Sensor resistance as a function of operating
current.
To keep the temperature error low, an operating current of
Icont = 1 mA is recommended for temperatures above 100 °C.
handbook, halfpage
5
4
2
0
3
1
MGG700
110
10−1
Icont (mA)
R
(k
Ω)
25
°C
0
°C
−50 °C
150
°C
100
°C
50
°C
125
°C
75
°C
−25 °C
Fig.5
Maximum operating current for safe
operation.
handbook, halfpage
−50
0
50
150
12
0
4
8
100
MGG705
Tamb (°C)
Icont
(mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com