Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTY81-252 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # KTY81-252
Description  Silicon temperature sensors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

KTY81-252 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button KTY81-252 Datasheet HTML 8Page - NXP Semiconductors KTY81-252 Datasheet HTML 9Page - NXP Semiconductors KTY81-252 Datasheet HTML 10Page - NXP Semiconductors KTY81-252 Datasheet HTML 11Page - NXP Semiconductors KTY81-252 Datasheet HTML 12Page - NXP Semiconductors KTY81-252 Datasheet HTML 13Page - NXP Semiconductors KTY81-252 Datasheet HTML 14Page - NXP Semiconductors KTY81-252 Datasheet HTML 15Page - NXP Semiconductors KTY81-252 Datasheet HTML 16Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
1998 Mar 26
12
Philips Semiconductors
Product specification
Silicon temperature sensors
KTY81-2 series
PACKAGE OUTLINE
UNIT
A
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
5.2
5.0
b
0.48
0.40
c
0.45
0.40
D
4.8
4.4
d
1.7
1.4
E
4.2
3.6
L
14.5
12.7
0.7
0.5
e
2.54
L2
L1
(1)
max.
2.5
b1
0.66
0.56
DIMENSIONS (mm are the original dimensions)
Notes
1. Terminal dimensions within this zone are uncontrolled to allow for flow of plastic and terminal irregularities.
SOD70
97-05-30
A
L
0
2.5
5 mm
scale
b
c
D
b1
L1
L2
d
E
Plastic near cylindrical single-ended package; 2 in-line leads
SOD70
1
2
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com