Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTY81-252 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # KTY81-252
Description  Silicon temperature sensors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

KTY81-252 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button KTY81-252 Datasheet HTML 7Page - NXP Semiconductors KTY81-252 Datasheet HTML 8Page - NXP Semiconductors KTY81-252 Datasheet HTML 9Page - NXP Semiconductors KTY81-252 Datasheet HTML 10Page - NXP Semiconductors KTY81-252 Datasheet HTML 11Page - NXP Semiconductors KTY81-252 Datasheet HTML 12Page - NXP Semiconductors KTY81-252 Datasheet HTML 13Page - NXP Semiconductors KTY81-252 Datasheet HTML 14Page - NXP Semiconductors KTY81-252 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
1998 Mar 26
11
Philips Semiconductors
Product specification
Silicon temperature sensors
KTY81-2 series
Table 5
Tape specification
Note
1. Measured over 20 devices.
SYMBOL
DIMENSION
SPECIFICATIONS
REMARKS
MIN.
NOM.
MAX.
TOL.
UNIT
A1
body width
4.4
−
4.8
−
mm
A
body height
5
−
5.2
−
mm
T
body thickness
3.6
−
3.9
−
mm
P
pitch of component
−
12.7
−±1mm
P0
feed hole pitch
−
12.7
−±0.3
mm
cumulative pitch error
−−−±0.1
note 1
P2
feed hole centre to component
centre
−
6.35
−±0.4
mm
to be measured at bottom
of clinch
F
lead-to-lead distance
−
5.08
−
+0.6/
−0.2 mm
∆h
component alignment
−
01
−
mm
at top of body
W
tape width
−
18
−±0.5
mm
W0
hold-down tape width
−
6
−±0.2
mm
W1
hole position
−
9
−
+0.7/
−0.5 mm
W2
hold-down tape position
−
0.5
−±0.2
mm
H0
lead wire clinch height
−
16.5
−±0.5
mm
H1
component height
−−
23.25
−
mm
L
length of snipped leads
−−
11
−
mm
D0
feed hole diameter
−
4
−±0.2
mm
t
total tape thickness
−−
1.2
−
mm
t1 = 0.3 to 0.6
F1, F2
lead to snipped lead distance
−
2.54
−
+0.4/
−0.2 mm
H2
clinch height
−
2.5
−
+0.5/0
mm
(p)
pull-out force
6
−−−
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com