Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTY81-252 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # KTY81-252
Description  Silicon temperature sensors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

KTY81-252 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button KTY81-252 Datasheet HTML 5Page - NXP Semiconductors KTY81-252 Datasheet HTML 6Page - NXP Semiconductors KTY81-252 Datasheet HTML 7Page - NXP Semiconductors KTY81-252 Datasheet HTML 8Page - NXP Semiconductors KTY81-252 Datasheet HTML 9Page - NXP Semiconductors KTY81-252 Datasheet HTML 10Page - NXP Semiconductors KTY81-252 Datasheet HTML 11Page - NXP Semiconductors KTY81-252 Datasheet HTML 12Page - NXP Semiconductors KTY81-252 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
1998 Mar 26
9
Philips Semiconductors
Product specification
Silicon temperature sensors
KTY81-2 series
Fig.6
Deviation of sensor resistance as a function
of operating current in still liquid.
Tamb =25 °C.
handbook, halfpage
2
30
20
10
0
−10
01
MGG703
Icont (mA)
∆R
(
Ω)
APPLICATION INFORMATION
SYMBOL
PARAMETER
CONDITIONS
TYP.
UNIT
∆R25
drift of sensor resistance at 25
°C
10000 hours continuous operation;
Tamb = 150 °C
0.5
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com