Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTY81-252 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # KTY81-252
Description  Silicon temperature sensors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

KTY81-252 Datasheet(HTML) 2 Page - NXP Semiconductors

  KTY81-252 Datasheet HTML 1Page - NXP Semiconductors KTY81-252 Datasheet HTML 2Page - NXP Semiconductors KTY81-252 Datasheet HTML 3Page - NXP Semiconductors KTY81-252 Datasheet HTML 4Page - NXP Semiconductors KTY81-252 Datasheet HTML 5Page - NXP Semiconductors KTY81-252 Datasheet HTML 6Page - NXP Semiconductors KTY81-252 Datasheet HTML 7Page - NXP Semiconductors KTY81-252 Datasheet HTML 8Page - NXP Semiconductors KTY81-252 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
1998 Mar 26
2
Philips Semiconductors
Product specification
Silicon temperature sensors
KTY81-2 series
DESCRIPTION
The temperature sensors in the KTY81-2 series have a
positive temperature coefficient of resistance and are
suitable for use in measurement and control systems. The
sensors are encapsulated in the SOD70 leaded plastic
package.
Tolerances of 0.5% or other special selections are
available on request.
PINNING
PIN
DESCRIPTION
1
electrical contact
2
electrical contact
3
not to be connected to a potential
Fig.1 Simplified outline (SOD70).
handbook, halfpage
MBH739
2
3
1
MARKING
TYPE NUMBER
CODE
KTY81-210
210
KTY81-220
220
KTY81-221
221
KTY81-222
222
KTY81-250
250
KTY81-251
251
KTY81-252
252
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
R25
sensor resistance
Tamb =25 °C; Icont =1mA
KTY81-210
1980
2020
Ω
KTY81-220
1960
2040
Ω
KTY81-221
1960
2000
Ω
KTY81-222
2000
2040
Ω
KTY81-250
1900
2100
Ω
KTY81-251
1900
2000
Ω
KTY81-252
2000
2100
Ω
Tamb
ambient operating
temperature
−55
+150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com