Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29LV033C Datasheet(PDF) 18 Page - Advanced Micro Devices

Part # AM29LV033C
Description  32 Megabit (4 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV033C Datasheet(HTML) 18 Page - Advanced Micro Devices

Back Button AM29LV033C Datasheet HTML 14Page - Advanced Micro Devices AM29LV033C Datasheet HTML 15Page - Advanced Micro Devices AM29LV033C Datasheet HTML 16Page - Advanced Micro Devices AM29LV033C Datasheet HTML 17Page - Advanced Micro Devices AM29LV033C Datasheet HTML 18Page - Advanced Micro Devices AM29LV033C Datasheet HTML 19Page - Advanced Micro Devices AM29LV033C Datasheet HTML 20Page - Advanced Micro Devices AM29LV033C Datasheet HTML 21Page - Advanced Micro Devices AM29LV033C Datasheet HTML 22Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 49 page
background image
16
Am29LV033C
22268B5 September 12, 2006
DA TA
SH EET
Hardware Data Protection
The command sequence requirement of unlock cycles
for programming or erasing provides data protection
against inadver tent writes (refer to Table 9, on
page 25 for command definitions). In addition, the fol-
lowing hardware data protection measures prevent ac-
cidental erasure or programming, which might
otherwise be caused by spurious system level signals
during V
CC power-up and power-down transitions, or
from system noise.
Low VCC Write Inhibit
When V
CC is less than VLKO, the device does not ac-
cept any write cycles. This protects data during VCC
power-up and power-down. The command register
and all internal program/erase circuits are disabled,
and the device resets. Subsequent writes are ignored
until VCC is greater than VLKO. The system must pro-
vide the proper signals to the control pins to prevent
unintentional writes when V
CC is greater than VLKO.
Write Pulse “Glitch” Protection
Noise pulses of less than 5 ns (typical) on OE#, CE#
or WE# do not initiate a write cycle.
Logical Inhibit
Write cycles are inhibited by holding any one of OE# =
VIL, CE# = VIH or WE# = VIH. To initiate a write cycle,
CE# and WE# must be a logical zero while OE# is a
logical one.
Power-Up Write Inhibit
If WE# = CE# = V
IL and OE# = VIH during power up,
the device does not accept commands on the rising
edge of WE#. The internal state machine is automati-
cally reset to reading array data on power-up.
COMMON FLASH MEMORY INTERFACE (CFI)
The Common Flash Interface (CFI) specification out-
lines device and host system software interrogation
handshake, which allows specific vendor-specified
software algorithms to be used for entire families of
devices. Software support can then be device-inde-
pendent, JEDEC ID-independent, and forward- and
backward-compatible for the specified flash device
families. Flash vendors can standardize their existing
interfaces for long-term compatibility.
This device enters the CFI Query mode when the sys-
tem writes the CFI Query command, 98h, to address
55h, any time the device is ready to read array data.
The system can read CFI information at the addresses
given in Tables Table 5, on page 18 to Table 8, on
page 20. To terminate reading CFI data, the system
must write the reset command.
The system can also write the CFI query command
when the device is in the autoselect mode. The device
enters the CFI query mode, and the system can read
CFI data at the addresses given in Table 5 to Table 8,
on page 20. The system must write the reset com-
mand to return the device to the autoselect mode.
For further information, please refer to the CFI Specifi-
cation and CFI Publication 100, available via the World
Wide Web at http://www.amd.com/products/nvd/over-
view/cfi.html. Alternatively, contact an AMD represen-
tative for copies of these documents.
Table 5.
CFI Query Identification String
Addresses
Data
Description
10h
11h
12h
51h
52h
59h
Query Unique ASCII string “QRY”
13h
14h
02h
00h
Primary OEM Command Set
15h
16h
40h
00h
Address for Primary Extended Table
17h
18h
00h
00h
Alternate OEM Command Set (00h = none exists)
19h
1Ah
00h
00h
Address for Alternate OEM Extended Table (00h = none exists)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com