Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29LV033C Datasheet(PDF) 28 Page - Advanced Micro Devices

Part # AM29LV033C
Description  32 Megabit (4 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV033C Datasheet(HTML) 28 Page - Advanced Micro Devices

Back Button AM29LV033C Datasheet HTML 24Page - Advanced Micro Devices AM29LV033C Datasheet HTML 25Page - Advanced Micro Devices AM29LV033C Datasheet HTML 26Page - Advanced Micro Devices AM29LV033C Datasheet HTML 27Page - Advanced Micro Devices AM29LV033C Datasheet HTML 28Page - Advanced Micro Devices AM29LV033C Datasheet HTML 29Page - Advanced Micro Devices AM29LV033C Datasheet HTML 30Page - Advanced Micro Devices AM29LV033C Datasheet HTML 31Page - Advanced Micro Devices AM29LV033C Datasheet HTML 32Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 49 page
background image
26
Am29LV033C
22268B5 September 12, 2006
DA TA
SH EET
gling, since the toggle bit may have stopped toggling
just as DQ5 went high. If the toggle bit is no longer
toggling, the device has successfully completed the
program or erase operation. If it is still toggling, the de-
vice did not completed the operation successfully, and
the system must write the reset command to return to
reading array data.
The remaining scenario is that the system initially de-
termines that the toggle bit is toggling and DQ5 has
not gone high. The system may continue to monitor
the toggle bit and DQ5 through successive read cy-
cles, determining the status as described in the previ-
ous paragraph. Alternatively, it may choose to perform
other system tasks. In this case, the system must start
at the beginning of the algorithm when it returns to de-
termine the status of the operation (top of Figure 6).
Table 10, on page 29 shows the outputs for Toggle Bit
I on DQ6. Figure 6 shows the toggle bit algorithm. Fig-
ure 19, on page 39 in the “AC Characteristics” section
shows the toggle bit timing diagrams. Figure 20, on
page 39 shows the differences between DQ2 and
DQ6 in graphical form. See also the subsection on
“DQ2: Toggle Bit II” on page 27.
DQ5: Exceeded Timing Limits
DQ5 indicates whether the program or erase time has
exceeded a specified internal pulse count limit. Under
these conditions DQ5 produces a “1.” This is a failure
condition that indicates the program or erase cycle
was not successfully completed.
The DQ5 failure condition may appear if the system
tries to program a “1” to a location that is previously
programmed to “0.” Only an erase operation can
change a “0” back to a “1.” Under this condition, the
device halts the operation, and when the operation
has exceeded the timing limits, DQ5 produces a “1.”
Under both these conditions, the system must issue
the reset command to return the device to reading
array data.
DQ3: Sector Erase Timer
After writing a sector erase command sequence, the
system may read DQ3 to determine whether or not an
erase operation has begun. (The sector erase timer
does not apply to the chip erase command.) If addi-
tional sectors are selected for erasure, the entire
time-out also applies after each additional sector
erase command. When the time-out is complete, DQ3
switches from “0” to “1.” If the time between additional
sector erase commands from the system can be as-
sumed to be less than 50 µs, the system need not
monitor DQ3. See also “Sector Erase Command Se-
quence” on page 23.
After the sector erase command sequence is written,
the system should read the status on DQ7 (Data# Poll-
ing) or DQ6 (Toggle Bit I) to ensure the device has ac-
cepted the command sequence, and then read DQ3. If
DQ3 is “1”, the internally controlled erase cycle has
begun; all further commands (other than Erase Sus-
pend) are ignored until the erase operation is com-
plete. If DQ3 is “0”, the device accepts additional
sector erase commands. To ensure the command has
been accepted, the system software should check the
status of DQ3 prior to and following each subsequent
sector erase command. If DQ3 is high on the second
status check, the last command might not have been
accepted. Table 10 shows the outputs for DQ3.
START
No
Yes
Yes
DQ5 = 1?
No
Yes
Toggle Bit
= Toggle?
No
Program/Erase
Operation Not
Complete, Write
Reset Command
Program/Erase
Operation Complete
Read DQ7–DQ0
Toggle Bit
= Toggle?
Read DQ7–DQ0
Twice
Read DQ7–DQ0
Notes:
1. Read toggle bit twice to determine whether or not it is
toggling. See text.
2. Recheck toggle bit because it may stop toggling as DQ5
changes to “1”. See text.
Figure 6.
Toggle Bit Algorithm
(Note 1)
(Notes
1, 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com