Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29LV033C Datasheet(PDF) 22 Page - Advanced Micro Devices

Part # AM29LV033C
Description  32 Megabit (4 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV033C Datasheet(HTML) 22 Page - Advanced Micro Devices

Back Button AM29LV033C Datasheet HTML 18Page - Advanced Micro Devices AM29LV033C Datasheet HTML 19Page - Advanced Micro Devices AM29LV033C Datasheet HTML 20Page - Advanced Micro Devices AM29LV033C Datasheet HTML 21Page - Advanced Micro Devices AM29LV033C Datasheet HTML 22Page - Advanced Micro Devices AM29LV033C Datasheet HTML 23Page - Advanced Micro Devices AM29LV033C Datasheet HTML 24Page - Advanced Micro Devices AM29LV033C Datasheet HTML 25Page - Advanced Micro Devices AM29LV033C Datasheet HTML 26Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 49 page
background image
20
Am29LV033C
22268B5 September 12, 2006
DA TA
SH EET
Any commands written to the device during the Em-
bedded Program Algorithm are ignored. Note that a
hardware reset immediately terminates the program-
ming operation. The Byte Program command se-
quence should be reinitiated once the device has reset
to reading array data, to ensure data integrity.
Programming is allowed in any sequence and across
sector boundaries. A bit cannot be programmed
from a “0” back to a “1”. Attempting to do so may
halt the operation and set DQ5 to “1,” or cause the
Data# Polling algorithm to indicate the operation was
successful. However, a succeeding read shows that
the data is still “0”. Only erase operations can convert
a “0” to a “1”.
Unlock Bypass Command Sequence
The unlock bypass feature allows the system to pro-
gram bytes to the device faster than using the stan-
dard program command sequence. The unlock bypass
command sequence is initiated by first writing two un-
lock cycles. This is followed by a third write cycle con-
taining the unlock bypass command, 20h. The device
then enters the unlock bypass mode. A two-cycle un-
lock bypass program command sequence is all that is
required to program in this mode. The first cycle in this
sequence contains the unlock bypass program com-
mand, A0h; the second cycle contains the program
address and data. Additional data is programmed in
the same manner. This mode dispenses with the initial
two unlock cycles required in the standard program
command sequence, resulting in faster total program-
ming time. Table 9, on page 25 shows the require-
ments for the command sequence.
During the unlock bypass mode, only the Unlock By-
pass Program and Unlock Bypass Reset commands
are valid. To exit the unlock bypass mode, the system
must issue the two-cycle unlock bypass reset com-
mand sequence. The first cycle must contain the data
90h; the second cycle the data 00h. Addresses are
don’t cares for both cycles. The device then returns to
reading array data.
Accelerated Program Operations
The device offers accelerated program operations
through the ACC pin. When the system asserts VHH on
the ACC pin, the device automatically enters the Un-
lock Bypass mode. The system may then write the
two-cycle Unlock Bypass program command se-
quence, eliminating two cycles from the command se-
quence. In addition, the device uses the higher voltage
on the ACC pin to accelerate the operation. Note that
the ACC pin must not be at VHH during read or erase
operations, or device damage may result. If ACC is to
be permanently set, it is recommended that it be tied
to VCC to minimize current consumption.
Figure 3 illustrates the algorithm for the program oper-
ation. See the “Erase/Program Operations” on
page 36 table in “AC Characteristics” for parameters,
and to Figure 15, on page 37 for timing diagrams.
Note: See Table 9, on page 25 for program command se-
quence.
Figure 3.
Program Operation
Chip Erase Command Sequence
Chip erase is a six bus cycle operation. The chip erase
command sequence is initiated by writing two unlock
cycles, followed by a set-up command. Two additional
unlock write cycles are then followed by the chip erase
command, which in turn invokes the Embedded Erase
algorithm. The device does not require the system to
preprogram prior to erase. The Embedded Erase algo-
rithm automatically preprograms and verifies the entire
memory for an all zero data pattern prior to electrical
erase. The system is not required to provide any con-
trols or timings during these operations. Table 9, on
page 25 shows the address and data requirements for
the chip erase command sequence.
START
Write Program
Command Sequence
Data Poll
from System
Verify Data?
No
Yes
Last Address?
No
Yes
Programming
Completed
Increment Address
Embedded
Program
algorithm
in progress



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com