Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29LV033C Datasheet(PDF) 42 Page - Advanced Micro Devices

Part # AM29LV033C
Description  32 Megabit (4 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV033C Datasheet(HTML) 42 Page - Advanced Micro Devices

Back Button AM29LV033C Datasheet HTML 38Page - Advanced Micro Devices AM29LV033C Datasheet HTML 39Page - Advanced Micro Devices AM29LV033C Datasheet HTML 40Page - Advanced Micro Devices AM29LV033C Datasheet HTML 41Page - Advanced Micro Devices AM29LV033C Datasheet HTML 42Page - Advanced Micro Devices AM29LV033C Datasheet HTML 43Page - Advanced Micro Devices AM29LV033C Datasheet HTML 44Page - Advanced Micro Devices AM29LV033C Datasheet HTML 45Page - Advanced Micro Devices AM29LV033C Datasheet HTML 46Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 49 page
background image
40
Am29LV033C
22268B5 September 12, 2006
DA TA
SH EET
AC CHARACTERISTICS
Alternate CE# Controlled Erase/Program Operations
Notes:
1. Not 100% tested.
2. See the “Erase and Programming Performance” on page 44 section for more information.
Parameter
Speed Option
JEDEC
Std
Description
-70
-90
-120
Unit
t
AVAV
t
WC
Write Cycle Time (Note 1)
Min
70
90
120
ns
t
AVEL
t
AS
Address Setup Time
Min
0
ns
t
ELAX
t
AH
Address Hold Time
Min
45
45
50
ns
t
DVEH
t
DS
Data Setup Time
Min
35
45
50
ns
t
EHDX
t
DH
Data Hold Time
Min
0
ns
t
OES
Output Enable Setup Time
Min
0
ns
t
GHEL
t
GHEL
Read Recovery Time Before Write
(OE# High to WE# Low)
Min
0
ns
t
WLEL
t
WS
WE# Setup Time
Min
0
ns
t
EHWH
t
WH
WE# Hold Time
Min
0
ns
t
ELEH
t
CP
CE# Pulse Width
Min
30
45
50
ns
t
EHEL
t
CPH
CE# Pulse Width High
Min
30
ns
t
WHWH1
t
WHWH1
Programming Operation (Note 2)
Typ
9
µs
t
WHWH2
t
WHWH2
Sector Erase Operation (Note 2)
Typ
0.7
sec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com